Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F6CE1G4890-K221-U Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FAR-F6CE1G4890-K221-U
Description  Piezoelectric SAW BPF (1000 to 2500 MHz)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F6CE1G4890-K221-U Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FAR-F6CE1G4890-K221-U Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F6CE1G4890-K221-U Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F6CE1G4890-K221-U Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F6CE1G4890-K221-U Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F6CE1G4890-K221-U Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F6CE1G4890-K221-U Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F6CE1G4890-K221-U Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F6CE1G4890-K221-U Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F6CE1G4890-K221-U Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
F6 Series (L2 type)
5
3.
PCN (Rx)
Part number : FAR-F6CE-1G8425-L2YB
(Ta
= −30 °C to +85 °C)
4.
PCN (Rx) Low insertion loss type
Part number : FAR-F6CE-1G8425-L2YE
(Ta
= −30 °C to +85 °C)
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
1805 to 1880 MHz
3.3
4.5
dB
In-band deviation
1805 to 1880 MHz
1.5
2.5
dB
Absolute
stopband
attenuation
DC to 1500 MHz
20
22
dB
1600 to 1710 MHz
22
24
dB
1710 to 1785 MHz
10
29
dB
1920 to 2400 MHz
25
27
dB
3610 to 3760 MHz
25
35
dB
5415 to 5640 MHz
15
21
dB
In-band VSWR
(Return loss)
1805 to 1880 MHz
(6.0)
2.5
(7.4)
3.0
(dB)
Max. input power
1805 to 1880 MHz

13
dBm
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
1805 to 1880 MHz
2.6
3.7
dB
In-band deviation
1805 to 1880 MHz
1.0
2.1
dB
Absolute
stopband
attenuation
DC to 1720 MHz
15
17
dB
1720 to 1765 MHz
25
28
dB
1765 to 1785 MHz
8
20
dB
1920 to 1980 MHz
15
23
dB
1980 to 2400 MHz
17
21
dB
2400 to 3500 MHz
20
23
dB
3500 to 4000 MHz
15
24
dB
4000 to 6000 MHz
5
8
dB
In-band VSWR
(Return loss)
1805 to 1880 MHz
(6.0)
2.6
(7.0)
3.0
(dB)
Max. input power
1805 to 1880 MHz

13
dBm


Similar Part No. - FAR-F6CE1G4890-K221-U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F6CE1G4890-K221-U FUJITSU-FAR-F6CE1G4890-K221-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
More results

Similar Description - FAR-F6CE1G4890-K221-U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
logo
Teledyne Technologies I...
AC2554 TELEDYNE-AC2554 Datasheet
131Kb / 1P
   1000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
logo
TAI-SAW TECHNOLOGY CO.,...
TA2472A TAI-SAW-TA2472A Datasheet
801Kb / 7P
   SAW Filter 2500 MHz
logo
Fujitsu Component Limit...
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
logo
Johanson Technology Inc...
2400DP39A5425 JOHANSON-2400DP39A5425 Datasheet
79Kb / 2P
   2450 / 5400 MHz Diplexer ( BPF / BPF)
logo
Teledyne Technologies I...
TSA-213243 TELEDYNE-TSA-213243 Datasheet
172Kb / 2P
   1000 TO 2500 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com