Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3055 Datasheet(PDF) 1 Page - NEC

Part # 2SK3055
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3055 Datasheet(HTML) 1 Page - NEC

  2SK3055 Datasheet HTML 1Page - NEC 2SK3055 Datasheet HTML 2Page - NEC 2SK3055 Datasheet HTML 3Page - NEC 2SK3055 Datasheet HTML 4Page - NEC 2SK3055 Datasheet HTML 5Page - NEC 2SK3055 Datasheet HTML 6Page - NEC 2SK3055 Datasheet HTML 7Page - NEC 2SK3055 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1997,1999
MOS FIELD EFFECT TRANSISTOR
2SK3055
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
DATA SHEET
Document No.
D13094EJ1V0DS00 (1st edition)
Date Published
March 1999 NS CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
DESCRIPTION
This product is N-Channel MOS Field Effect Transistor
designed for high current switching applications.
FEATURES
• Low On-State Resistance
RDS(on)1 = 34 m
Ω MAX. (VGS = 10 V, ID = 15 A)
RDS(on)2 = 50 m
Ω MAX. (VGS = 4.0 V, ID = 15 A)
• Low Ciss : Ciss = 920 pF TYP.
• Built-in Gate Protection Diode
• Isolated TO-220 package
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Drain to Source Voltage
VDSS
60
V
Gate to Source Voltage
VGSS(AC)
±20
V
Gate to Source Voltage
VGSS(DC)
+20,
−10
V
Drain Current (DC)
ID(DC)
±30
A
Drain Current (Pulse)
Note1
ID(pulse)
±100
A
Total Power Dissipation (TC = 25°C)
PT
25
W
Total Power Dissipation (TA = 25°C)
PT
2.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note2
IAS
15
A
Single Avalanche Energy
Note2
EAS
22.5
mJ
Notes 1. PW
≤ 10
µs, Duty cycle ≤ 1 %
2. Starting Tch = 25 °C, RG = 25
Ω, VGS = 20 V
→ 0 V
THERMAL RESISTANCE
Channel to Case
Rth(ch-C)
5.0
°C/W
Channel to Ambient
Rth(ch-A)
62.5
°C/W
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3055
Isolated TO-220


Similar Part No. - 2SK3055

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3055 ISC-2SK3055 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3055 RENESAS-2SK3055 Datasheet
237Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
More results

Similar Description - 2SK3055

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com