Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIOCG6ECO031254 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # MIOCG6ECO031254
Description  Miniature Optical Circulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MIOCG6ECO031254 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  MIOCG6ECO031254 Datasheet HTML 1Page - OPLINK Communications Inc. MIOCG6ECO031254 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
MIOC
Ordering Information
Mechanical Drawing / Package Dimensions
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN mm.
2. TOL: .X=±0.5, .XX=±0.2.
1
3
0
O
C
E
G
Fiber Type
250μm bare fiber = 1
900μm loose tube = 2
Port Configuration
Package Type
Wavelength
Fiber Length
3 ports = 3
P1 = 1
0.5 meter = H
1.0 meter = 1
1.5 meters = 5
2.0 meters = 2
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC/UPC = 9
MU = A
LC/APC = B
Eco Series 3-port Polarization Insensitive
Miniature Optical Circulators
MIOC3 Eco Series
S0327 - R02. (web) 20120629
* The tolerance of fiber length is +/-0.1m.
* 1 meter is standard. The lead time for special fiber length will be longer.
1310 window = 3
C band = 5
L band = 6
C+L band = E


Similar Part No. - MIOCG6ECO031254

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MIOCG3ECO041111 OPLINK-MIOCG3ECO041111 Datasheet
168Kb / 2P
   Miniature Optical Circulator
MIOCG3ECO041112 OPLINK-MIOCG3ECO041112 Datasheet
168Kb / 2P
   Miniature Optical Circulator
MIOCG3ECO041113 OPLINK-MIOCG3ECO041113 Datasheet
168Kb / 2P
   Miniature Optical Circulator
MIOCG3ECO041114 OPLINK-MIOCG3ECO041114 Datasheet
168Kb / 2P
   Miniature Optical Circulator
MIOCG3ECO041115 OPLINK-MIOCG3ECO041115 Datasheet
168Kb / 2P
   Miniature Optical Circulator
More results

Similar Description - MIOCG6ECO031254

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MIOC131000311H1 OPLINK-MIOC131000311H1 Datasheet
288Kb / 2P
   3-port Polarization Insensitive Miniature Optical Circulators
PMOC OPLINK-PMOC Datasheet
154Kb / 2P
   Polarization Maintaining Optical Circulators
MIOC3ECO-S0327 OPLINK-MIOC3ECO-S0327 Datasheet
167Kb / 2P
   Eco Series 3-port Polarization Insensitive Miniature Optical Circulators
MIOCG5ECO031111 OPLINK-MIOCG5ECO031111 Datasheet
167Kb / 2P
   Eco Series 3-port Polarization Insensitive Miniature Optical Circulators
PMOC13100031 OPLINK-PMOC13100031 Datasheet
291Kb / 2P
   Polarization Maintaining Optical Circulators
logo
Finisar Corporation.
1012213 FINISAR-1012213 Datasheet
43Kb / 1P
   Optical Circulators (C-band)
logo
OPLINK Communications I...
PMOC-S0067 OPLINK-PMOC-S0067 Datasheet
154Kb / 2P
   Polarization Maintaining Optical Circulators
logo
Tyco Electronics
MAFRIN0151 MACOM-MAFRIN0151 Datasheet
108Kb / 2P
   Miniature Surface Mount Circulators
logo
OPLINK Communications I...
MIOC4ECO OPLINK-MIOC4ECO Datasheet
168Kb / 2P
   Miniature Optical Circulator
logo
Pixart Imaging Inc.
PAT9125EL PIXART-PAT9125EL Datasheet
782Kb / 13P
   Optical Tracking Miniature Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com