Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB15E03SL Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB15E03SL
Description  Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15E03SL Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB15E03SL Datasheet HTML 6Page - Fujitsu Component Limited. MB15E03SL Datasheet HTML 7Page - Fujitsu Component Limited. MB15E03SL Datasheet HTML 8Page - Fujitsu Component Limited. MB15E03SL Datasheet HTML 9Page - Fujitsu Component Limited. MB15E03SL Datasheet HTML 10Page - Fujitsu Component Limited. MB15E03SL Datasheet HTML 11Page - Fujitsu Component Limited. MB15E03SL Datasheet HTML 12Page - Fujitsu Component Limited. MB15E03SL Datasheet HTML 13Page - Fujitsu Component Limited. MB15E03SL Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
MB15E03SL
Table 4. Binary 7-bit Swallow Counter Data Setting
Table 5. Prescaler Data Setting
Table 6. Charge Pump Current Setting
Table 7. LD/fout Output Select Data Setting
(2) Relation between the FC Input and Phase Characteristics
The FC bit changes the phase characteristics of the phase comparator. Both the internal charge pump output level
(DO) and the phase comparator output (
φR, φP) are reversed according to the FC bit. Also, the monitor pin (fout)
output is controlled by the FC bit. The relationship between the FC bit and each of DO,
φR, and φP is shown below.
Table 8. FC Bit Data Setting (LDS = “H”)
* : High impedance
Divide ratio
(A)
A7
A6
A5
A4
A3
A2
A1
0
0
000000
1
0
000001
⋅⋅⋅⋅⋅⋅
127
1
111111
SW
Prescaler Divide Ratio
H
64/65
L
128/129
CS
Current Value
H
±6.0 mA
L
±1.5 mA
LDS
LD/
fOUT Output Signal
H
fout signal
L
LD signal
FC = High
FC = Low
DO
φR
φP
LD/fout
DO
φR
φP
LD/fout
fr > fp
H
L
L
fout = fr
LH
Z*
fout = fp
fr < fp
L
H
Z*
H
L
L
fr = fp
Z*
L
Z*
Z*
L
Z*


Similar Part No. - MB15E03SL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB15E03SL CYPRESS-MB15E03SL Datasheet
490Kb / 29P
   Single Serial Input PLL Frequency Synthesizer On-chip 1.2 GHz Prescaler
logo
Fujitsu Component Limit...
MB15E03SLPFV1-G-BND-6E1 FUJITSU-MB15E03SLPFV1-G-BND-6E1 Datasheet
373Kb / 32P
   Single PLL Frequency Synthesizers with On-Chip Prescalers
More results

Similar Description - MB15E03SL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15E03 FUJITSU-MB15E03 Datasheet
174Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E05L FUJITSU-MB15E05L Datasheet
259Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E03L FUJITSU-MB15E03L Datasheet
214Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
logo
Cypress Semiconductor
MB15E03SL CYPRESS-MB15E03SL Datasheet
490Kb / 29P
   Single Serial Input PLL Frequency Synthesizer On-chip 1.2 GHz Prescaler
logo
Fujitsu Component Limit...
MB15E05SL FUJITSU-MB15E05SL Datasheet
229Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.0 GHz Prescaler
MB15E07L FUJITSU-MB15E07L Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SR FUJITSU-MB15E07SR Datasheet
241Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
MB15E07 FUJITSU-MB15E07 Datasheet
233Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SL FUJITSU-MB15E07SL Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E06SR FUJITSU-MB15E06SR Datasheet
205Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 3.0 GHz Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com