Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB15E03PV Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB15E03PV
Description  Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15E03PV Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB15E03PV Datasheet HTML 1Page - Fujitsu Component Limited. MB15E03PV Datasheet HTML 2Page - Fujitsu Component Limited. MB15E03PV Datasheet HTML 3Page - Fujitsu Component Limited. MB15E03PV Datasheet HTML 4Page - Fujitsu Component Limited. MB15E03PV Datasheet HTML 5Page - Fujitsu Component Limited. MB15E03PV Datasheet HTML 6Page - Fujitsu Component Limited. MB15E03PV Datasheet HTML 7Page - Fujitsu Component Limited. MB15E03PV Datasheet HTML 8Page - Fujitsu Component Limited. MB15E03PV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
MB15E03
s ABSOLUTE MAXIMUM RATINGS
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
WARNING: Recommended operating conditions are normal operating ranges for the semiconductor device. All
the device’s electrical characteristics are warranted when operated within these ranges.
Always yse semiconductor devices within the recommended operating conditions. Operation outside
these ranges may adversely affect reliability and could result in device failure.
No warranty is made with repect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representative beforehand.
Parameter
Symbol
Rating
Unit
Remark
Power supply voltage
VCC
–0.5 to +4.0
V
VP
VCC to +6.0
V
Input voltage
VI
–0.5 to VCC +0.5
V
Output voltage
VO
–0.5 to VCC +0.5
V
Storage temperature
Tstg
–55 to +125
°C
Parameter
Symbol
Value
Unit
Remark
Min.
Typ.
Max.
Power supply voltage
VCC
2.7
3.0
3.6
V
VP
VCC
6.0
V
Input voltage
VI
GND
VCC
V
Operating temperature
Ta
–40
+85
°C


Similar Part No. - MB15E03PV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15E03L FUJITSU-MB15E03L Datasheet
214Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E03LPFV1 FUJITSU-MB15E03LPFV1 Datasheet
214Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E03LPV FUJITSU-MB15E03LPV Datasheet
214Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E03SL FUJITSU-MB15E03SL Datasheet
229Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
logo
Cypress Semiconductor
MB15E03SL CYPRESS-MB15E03SL Datasheet
490Kb / 29P
   Single Serial Input PLL Frequency Synthesizer On-chip 1.2 GHz Prescaler
More results

Similar Description - MB15E03PV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15E05L FUJITSU-MB15E05L Datasheet
259Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E03SL FUJITSU-MB15E03SL Datasheet
229Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E03L FUJITSU-MB15E03L Datasheet
214Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
logo
Cypress Semiconductor
MB15E03SL CYPRESS-MB15E03SL Datasheet
490Kb / 29P
   Single Serial Input PLL Frequency Synthesizer On-chip 1.2 GHz Prescaler
logo
Fujitsu Component Limit...
MB15E05SL FUJITSU-MB15E05SL Datasheet
229Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.0 GHz Prescaler
MB15E07L FUJITSU-MB15E07L Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SR FUJITSU-MB15E07SR Datasheet
241Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
MB15E07 FUJITSU-MB15E07 Datasheet
233Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SL FUJITSU-MB15E07SL Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E06SR FUJITSU-MB15E06SR Datasheet
205Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 3.0 GHz Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com