Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-M2SC-12M288-D116 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FAR-M2SC-12M288-D116
Description  Piezo Electric VCO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-M2SC-12M288-D116 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FAR-M2SC-12M288-D116 Datasheet HTML 1Page - Fujitsu Component Limited. FAR-M2SC-12M288-D116 Datasheet HTML 2Page - Fujitsu Component Limited. FAR-M2SC-12M288-D116 Datasheet HTML 3Page - Fujitsu Component Limited. FAR-M2SC-12M288-D116 Datasheet HTML 4Page - Fujitsu Component Limited. FAR-M2SC-12M288-D116 Datasheet HTML 5Page - Fujitsu Component Limited. FAR-M2SC-12M288-D116 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
M2 Series (D110)
s ELECTRICAL CHARACTERISTICS
(VCC = 5.0 V)
*1: VCC = 5.0 V standard
*2: 25
°C standard, Ta = –10 ~ +70°C
s MEASURING CIRCUIT DIAGRAM
Item
Symbol
Condition
Rated value
Unit
minimum
standard
maximum
Power supply current
ICC
Not loaded
10
15
mA
Oscillation frequency
fH
VIN = 5.0 V
+2000
ppm
f1
VIN = 0 V
–2000
Output voltage
H level
VOH
VIN = 2.5 V
VCC – 0.5
5.0
V
L level
VOL
VIN = 2.5 V
0
0.5
Frequency voltage
stability
∆f (VCC)VCC = 4.75 ~ 5.25 V
–100
+100
ppm
*1
Frequency temperature
stability
∆f (Ta)
VIN = 2.5 V
–300
+500
*2
1
3
4
5
6
7
9
10
8
VCC
VIN
Into oscilloscope
Including probe
capacity (22 pF)
GND
2


Similar Part No. - FAR-M2SC-12M288-D116

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-M2CC FUJITSU-FAR-M2CC Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-14M318-F150 FUJITSU-FAR-M2CC-14M318-F150 Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-14M318-F150-R FUJITSU-FAR-M2CC-14M318-F150-R Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-16M934-F150 FUJITSU-FAR-M2CC-16M934-F150 Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-16M934-F150-R FUJITSU-FAR-M2CC-16M934-F150-R Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
More results

Similar Description - FAR-M2SC-12M288-D116

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEB-20FD64 CUI-CEB-20FD64 Datasheet
326Kb / 4P
   piezo electric diaphragm
CEB-20D64 CUI-CEB-20D64 Datasheet
255Kb / 4P
   piezo electric diaphragm
CEB-44D06 CUI-CEB-44D06 Datasheet
283Kb / 4P
   piezo electric diaphragm
CEB-27D44 CUI-CEB-27D44 Datasheet
249Kb / 4P
   piezo electric diaphragm
CEB-27FD44 CUI-CEB-27FD44 Datasheet
83Kb / 4P
   piezo electric diaphragm
CEB-35D26 CUI-CEB-35D26 Datasheet
256Kb / 4P
   piezo electric diaphragm
CEB-35FD29 CUI-CEB-35FD29 Datasheet
98Kb / 4P
   piezo electric diaphragm
logo
Analog Devices
AD5801 AD-AD5801 Datasheet
196Kb / 13P
   Piezo-Electric Actuator Controller
logo
Rohm
BD9825FV ROHM-BD9825FV Datasheet
200Kb / 6P
   Piezo Electric Transformer Inverter Control IC
logo
PUI audio inc.
AT-2440-TWT-R PUIAUDIO-AT-2440-TWT-R Datasheet
545Kb / 3P
   24mm diameter piezo-electric transducer with thru-hole pins
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com