Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-G6CH-1G8425-L227B-T Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FAR-G6CH-1G8425-L227B-T
Description  SAW Dual Filter (700 to 2000 MHz)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-G6CH-1G8425-L227B-T Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FAR-G6CH-1G8425-L227B-T Datasheet HTML 1Page - Fujitsu Component Limited. FAR-G6CH-1G8425-L227B-T Datasheet HTML 2Page - Fujitsu Component Limited. FAR-G6CH-1G8425-L227B-T Datasheet HTML 3Page - Fujitsu Component Limited. FAR-G6CH-1G8425-L227B-T Datasheet HTML 4Page - Fujitsu Component Limited. FAR-G6CH-1G8425-L227B-T Datasheet HTML 5Page - Fujitsu Component Limited. FAR-G6CH-1G8425-L227B-T Datasheet HTML 6Page - Fujitsu Component Limited. FAR-G6CH-1G8425-L227B-T Datasheet HTML 7Page - Fujitsu Component Limited. FAR-G6CH-1G8425-L227B-T Datasheet HTML 8Page - Fujitsu Component Limited. FAR-G6CH-1G8425-L227B-T Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
G5/G6 Series
4
s
s
s
s STANDARD FREQUENCIES
No.
Part number
System
Frequency (MHz)
Part
symbol
Input/
Output
Remarks
1
FAR-G5CN-942M50-D296
PDC800 Tx
893 to 898 MHz
96
1 in/
2 out
3.0
× 3.0 mm
925 to 960 MHz
2
FAR-G5CN-877M50-D292
PDC800 Rx
810 to 843 MHz
92
1 in/
2 out
3.0
× 3.0 mm
870 to 885 MHz
3
FAR-G6CH-1G8800-L214
AMPS/TDMA/CDMA
+ PCS Tx
824 to 849 MHz
14
2 in/
2 out
3.8
× 3.8 mm
1850 to 1910 MHz
4
FAR-G6CH-1G9600-L215
AMPS/TDMA/CDMA
+ PCS Rx
869 to 894 MHz
15
2 in/
2 out
3.8
× 3.8 mm
1930 to 1990 MHz
5
FAR-G6CH-1G7475-L216
GSM
+ PCN Tx
890 to 915 MHz
16
2 in/
2 out
3.8
× 3.8 mm
1710 to 1785 MHz
6
FAR-G6CH-1G8425-L217
GSM
+ PCN Rx
935 to 960 MHz
17
2 in/
2 out
3.8
× 3.8 mm
1805 to 1880 MHz
7
FAR-G6CH-1G8425-L218
EGSM
+ PCN Rx
925 to 960 MHz
18
2 in/
2 out
3.8
× 3.8 mm
Low insertion
loss type
1805 to 1880 MHz
8
FAR-G6CH-1G8425-L222
EGSM
+ PCN Rx
925 to 960 MHz
22
2 in/
2 out
3.8
× 3.8 mm
High Aff. type
1805 to 1880 MHz
9
FAR-G6CH-1G8425-L227B EGSM
+ PCN Rx
925 to 960 MHz
27
2 in/
2 out
3.8
× 3.8 mm
1805 to 1880 MHz
10
FAR-G6CH-1G9600-L228A EGSM
+ PCS Rx
925 to 960 MHz
28
2 in/
2 out
3.8
× 3.8 mm
1930 to 1990 MHz
11
FAR-G6CH-1G9600-L219
PCN
+ PCS Rx
1805 to 1880 MHz
19
2 in/
2 out
3.8
× 3.8 mm
1930 to 1990 MHz
12
FAR-G6CN-1G8950-L233
PCS Tx
Split
Low
1850 to 1880 MHz
33
2 in/
2 out
3.0
× 3.0 mm
High
1880 to 1910 MHz
13
FAR-G6CH-1G9750-L230
PCS Rx
Split
Low
1930 to 1960 MHz
30
2 in/
2 out
3.8
× 3.8 mm
High
1960 to 1990 MHz


Similar Part No. - FAR-G6CH-1G8425-L227B-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-G6KC-1G9600-Y4YY TAIYO-YUDEN-FAR-G6KC-1G9600-Y4YY Datasheet
498Kb / 12P
   SAW Dual Filter
logo
Fujitsu Component Limit...
FAR-G6KE-1G9600-Y4LY FUJITSU-FAR-G6KE-1G9600-Y4LY Datasheet
213Kb / 11P
   CELL/ PCS Rx (50/100ohms)
logo
Taiyo Yuden (U.S.A.), I...
FAR-G6KG-2G1400-Y4SH TAIYO-YUDEN-FAR-G6KG-2G1400-Y4SH Datasheet
543Kb / 15P
   SAW Dual Filter
FAR-G6KT-1G9600-Y4RU TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RU Datasheet
325Kb / 12P
   SAW Dual Filter
FAR-G6KT-1G9600-Y4RY TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RY Datasheet
1Mb / 12P
   SAW Dual Filter
More results

Similar Description - FAR-G6CH-1G8425-L227B-T

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
E423121 FUJI-E423121 Datasheet
463Kb / 30P
   SAW Dual Filter (700 to 2000 MHz)
logo
Fujitsu Component Limit...
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
logo
TAI-SAW TECHNOLOGY CO.,...
TA0751B TAI-SAW-TA0751B Datasheet
457Kb / 6P
   SAW Filter 2000 MHz
logo
Spectrum Microwave, Inc...
SF1060BA03211S SPECTRUM-SF1060BA03211S Datasheet
1Mb / 3P
   1060 MHz SAW Filter, 700 kHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0617A TAI-SAW-TA0617A Datasheet
416Kb / 7P
   SAW Filter 700 MHz SMD 3.0X3.0 mm
logo
API Technologies Corp
SF1060BA03211S APITECH-SF1060BA03211S Datasheet
1Mb / 3P
   1060 MHz SAW Filter, 700 kHz Bandwidth
logo
Fujitsu Component Limit...
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com