Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3996 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP3996
Description  Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3996 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3996_14 Datasheet HTML 4Page - Texas Instruments LP3996_14 Datasheet HTML 5Page - Texas Instruments LP3996_14 Datasheet HTML 6Page - Texas Instruments LP3996_14 Datasheet HTML 7Page - Texas Instruments LP3996_14 Datasheet HTML 8Page - Texas Instruments LP3996_14 Datasheet HTML 9Page - Texas Instruments LP3996_14 Datasheet HTML 10Page - Texas Instruments LP3996_14 Datasheet HTML 11Page - Texas Instruments LP3996_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LP3996
SNVS360B – NOVEMBER 2006 – REVISED JANUARY 2008
www.ti.com
Electrical Characteristics
(1) (2) (continued)
Unless otherwise noted, VEN = 950mV, VIN = VOUT + 1.0V, or 2.0V, whichever is higher, where VOUT is the higher of VOUT1 and
VOUT2. CIN = 1 µF, IOUT = 1 mA, COUT1 = COUT2 = 1.0µF.
Typical values and limits appearing in normal type apply for TA = 25°C. Limits appearing in boldface type apply over the full
junction temperature range for operation,
−40 to +125°C.
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
VIL
Low Input Threshold at VEN1 or
0.4
V
VEN2
VIH
High Input Threshold at VEN1 or
0.95
V
VEN2
POR Output Characteristics
VTH
Low Threshold % 0f VOUT2 (NOM)
Flag ON
88
%
High Threshold % 0f VOUT2 (NOM)
Flag OFF
96
IPOR
Leakage Current
Flag OFF, VPOR = 6.5V
30
nA
VOL
Flag Output Low Voltage
ISINK = 250µA
20
mV
Timing Characteristics
TON
Turn On Time (5)
To 95% Level
300
µs
CBYP = 10nF
Transient
Line Transient Response |
δVOUT|
Trise = Tfall = 10µs
20
Response
(5)
δVIN = 1VCBYP = 10nF
Load Transient Response |
δVOUT|
Trise = Tfall =
LDO 1
mV
175
(5)
1µs
IOUT = 1mA to 150mA
(pk - pk)
LDO 2
150
IOUT = 1mA to 300mA
SET Input Characteristics
ISET
SET Pin Current Source
VSET = 0V
1.3
µA
VTH(SET)
SET Pin Threshold Voltage
POR = High
1.25
V
8
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LP3996


Similar Part No. - LP3996_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3996 TI-LP3996_15 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results

Similar Description - LP3996_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3996 NSC-LP3996 Datasheet
1,006Kb / 16P
   Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
Texas Instruments
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
logo
National Semiconductor ...
LP5996 NSC-LP5996 Datasheet
870Kb / 14P
   Dual Linear Regulator with 300mA and 150mA Outputs
logo
Texas Instruments
LP5996 TI-LP5996_15 Datasheet
1Mb / 18P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI1-LP3996 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI-LP3996_15 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com