Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3996 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3996
Description  Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3996 Datasheet(HTML) 4 Page - Texas Instruments

  LP3996_14 Datasheet HTML 1Page - Texas Instruments LP3996_14 Datasheet HTML 2Page - Texas Instruments LP3996_14 Datasheet HTML 3Page - Texas Instruments LP3996_14 Datasheet HTML 4Page - Texas Instruments LP3996_14 Datasheet HTML 5Page - Texas Instruments LP3996_14 Datasheet HTML 6Page - Texas Instruments LP3996_14 Datasheet HTML 7Page - Texas Instruments LP3996_14 Datasheet HTML 8Page - Texas Instruments LP3996_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LP3996
SNVS360B – NOVEMBER 2006 – REVISED JANUARY 2008
www.ti.com
Table 2. For other voltage options, please contact your local NSC sales office* These parts avaliable
soon.
(continued)
Output Voltage (V)
Order Number
Spec
Package Marking
Vout1
Vout2
Supplied As
1.5
2.5
LP3996SD-1525
NOPB
L168B
1000 Units, Tape-
and-Reel
LP3996SDX-1525
NOPB
4500 Units, Tape-
and-Reel
LP3996SD-1525
1000 Units, Tape-
and-Reel
LP3996SDX-1525
4500 Units, Tape-
and-Reel
1.8
3.3
LP3996SD-1833
NOPB
L228B
1000 Units, Tape-
and-Reel
LP3996SDX-1833
NOPB
4500 Units, Tape-
and-Reel
LP3996SD-1833
1000 Units, Tape-
and-Reel
LP3996SDX-1833
4500 Units, Tape-
and-Reel
2.5
3.3
LP3996SD-2533
NOPB
L229B
1000 Units, Tape-
and-Reel
LP3996SDX-2533
NOPB
4500 Units, Tape-
and-Reel
LP3996SDX-2533
1000 Units, Tape-
and-Reel
LP3996SD-2533
4500 Units, Tape-
and-Reel
2.8
2.8
LP3996SD-2828
NOPB
L171B
1000 Units, Tape-
and-Reel
LP3996SDX-2828
NOPB
4500 Units, Tape-
and-Reel
LP3996SD-2828
1000 Units, Tape-
and-Reel
LP3996SDX-2828
4500 Units, Tape-
and-Reel
3.0
3.0
LP3996SD-3030
NOPB
L172B
1000 Units, Tape-
and-Reel
LP3996SDX-3030
NOPB
4500 Units, Tape-
and-Reel
LP3996SD-3030
1000 Units, Tape-
and-Reel
LP3996SDX-3030
4500 Units, Tape-
and-Reel
3.0
3.3
LP3996SD-3033
NOPB
L170B
1000 Units, Tape-
and-Reel
LP3996SDX-3033
NOPB
4500 Units, Tape-
and-Reel
LP3996SD-3033
1000 Units, Tape-
and-Reel
LP3996SDX-3033
4500 Units, Tape-
and-Reel
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LP3996


Similar Part No. - LP3996_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3996 TI-LP3996_15 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results

Similar Description - LP3996_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3996 NSC-LP3996 Datasheet
1,006Kb / 16P
   Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
Texas Instruments
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
logo
National Semiconductor ...
LP5996 NSC-LP5996 Datasheet
870Kb / 14P
   Dual Linear Regulator with 300mA and 150mA Outputs
logo
Texas Instruments
LP5996 TI-LP5996_15 Datasheet
1Mb / 18P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI1-LP3996 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI-LP3996_15 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com