Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM34925 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM34925
Description  Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM34925 Datasheet(HTML) 2 Page - Texas Instruments

  LM34925 Datasheet HTML 1Page - Texas Instruments LM34925 Datasheet HTML 2Page - Texas Instruments LM34925 Datasheet HTML 3Page - Texas Instruments LM34925 Datasheet HTML 4Page - Texas Instruments LM34925 Datasheet HTML 5Page - Texas Instruments LM34925 Datasheet HTML 6Page - Texas Instruments LM34925 Datasheet HTML 7Page - Texas Instruments LM34925 Datasheet HTML 8Page - Texas Instruments LM34925 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
UVLO
3
RON
4
RTN
1
VIN
2
8
SW
7
BST
6
VCC
5
FB
SO
PowePAD-8
Exp Pad
SW
BST
VCC
FB
8
7
6
5
1
2
3
4
UVLO
RON
RTN
VIN
WSON-8
Exp Pad
LM34925
SNVS846E – JUNE 2012 – REVISED DECEMBER 2013
www.ti.com
Connection Diagram
Figure 2. Top View (Connect Exposed Pad to RTN)
Figure 3. Top View (Connect Exposed Pad to RTN)
Table 1. Pin Descriptions
Pin
Name
Description
Application Information
1
RTN
Ground
Ground connection of the integrated circuit.
2
VIN
Input Voltage
Operating input range is 7.5 V to 100 V.
3
UVLO
Input Pin of Undervoltage
Resistor divider from VIN to UVLO to GND programs the undervoltage detection
Comparator
threshold. An internal current source is enabled when UVLO is above 1.225V to
provide hysteresis. When UVLO pin is pulled below 0.66V externally, the parts
goes in shutdown mode.
4
RON
On-Time Control
A resistor between this pin and VIN sets the switch on-time as a function of VIN.
Minimum recommended on-time is 100ns at max input voltage.
5
FB
Feedback
This pin is connected to the inverting input of the internal regulation comparator.
The regulation level is 1.225V.
6
VCC
Output from the Internal High
The internal VCC regulator provides bias supply for the gate drivers and other
Voltage Series Pass Regulator.
internal circuitry. A 1.0
μF decoupling capacitor is recommended.
Regulated at 7.6V.
7
BST
Bootstrap Capacitor
An external capacitor is required between the BST and SW pins (0.01
μF
ceramic). The BST pin capacitor is charged by the VCC regulator through an
internal diode when the SW pin is low.
8
SW
Switching Node
Power switching node. Connect to the output inductor and bootstrap capacitor.
EP
Exposed Pad
Exposed pad must be connected to RTN pin. Connect to system ground plane on
application board for reduced thermal resistance.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM34925


Similar Part No. - LM34925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34925 TI1-LM34925 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925MR/NOPB TI1-LM34925MR/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925MRX/NOPB TI1-LM34925MRX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925SD/NOPB TI1-LM34925SD/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925SDX/NOPB TI1-LM34925SDX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
More results

Similar Description - LM34925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34927 TI1-LM34927 Datasheet
333Kb / 17P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34927 TI-LM34927_15 Datasheet
2Mb / 28P
[Old version datasheet]   LM34927 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34926 TI1-LM34926 Datasheet
1Mb / 28P
[Old version datasheet]   LM34926 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34927SD TI1-LM34927SD Datasheet
2Mb / 26P
[Old version datasheet]   LM34927 Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
logo
Cherry Semiconductor Co...
CS5101 CHERRY-CS5101 Datasheet
153Kb / 7P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
logo
ON Semiconductor
CS5101 ONSEMI-CS5101 Datasheet
142Kb / 9P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
October, 2006 ??Rev. 6
logo
International Rectifier
IRFH4213PBF IRF-IRFH4213PBF Datasheet
356Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF Datasheet
253Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF_15 Datasheet
506Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com