Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB15C700PV Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB15C700PV
Description  Built-in IF Band Voltage Controlled Oscillator Mask ROM Frequency Synthesizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15C700PV Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB15C700PV Datasheet HTML 7Page - Fujitsu Component Limited. MB15C700PV Datasheet HTML 8Page - Fujitsu Component Limited. MB15C700PV Datasheet HTML 9Page - Fujitsu Component Limited. MB15C700PV Datasheet HTML 10Page - Fujitsu Component Limited. MB15C700PV Datasheet HTML 11Page - Fujitsu Component Limited. MB15C700PV Datasheet HTML 12Page - Fujitsu Component Limited. MB15C700PV Datasheet HTML 13Page - Fujitsu Component Limited. MB15C700PV Datasheet HTML 14Page - Fujitsu Component Limited. MB15C700PV Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MB15C700 series
11
s
s
s
s REFERENCE CHARACTERISTICS DATA
PLLVDD
= VCOVDD = 2.5 V, Ta = +25 °C
fVCO
= 129.55 MHz, OSCin = 12.8 MHz, fr = 50 kHz
[Measurement circuit]
1.
Measurement result
Parameter
Condition
Result
VCO variable range
∆f
fVCO1 (@VCOCNT
= 0.8 V) −
fVCO2 (@VCOCNT
= 1.8 V)
8.657
MHz
Reference leakage
Lref1 (
+)
∆+fr
−67.3
dBc
Lref1 (
−)
∆−fr
−66.7
Lref2 (
+)
∆+ (fr × 2)
−72
Lref2 (
−)
∆− (fr × 2)
−72
S/N
S/N
∆1 kHz
−71.3
dBc
C/N (BW = 21kHz)
C/N1 (
+)
∆+50 kHz
−108
dBc/Hz
C/N1 (
−)
∆−50 kHz
−108
C/N2 (
+)
∆+100 kHz
−113
C/N2 (
−)
∆−100 kHz
−113
Spurious
Lsp1
2nd Harmonic (
∆fVCO)
−4.2
dBc
Lsp2
3rd Harmonic (
∆ (fVCO × 2) )
−10.8
Lsp3
4th Harmonic (
∆ (fVCO × 3) )
−23.3
Lsp4
Other (
∆ (fVCO × 4) )
−26.0
Lsp5
TRX band (
∆ (fVCO × 5)
−29.2
Lsp6
TRX band (
∆ (fVCO × 6) )
−35.7
Lsp7
∆ (fVCO × 7)
−44.3
Lsp8
∆ (fVCO × 8)
−49.2
Lsp9
∆ (fVCO × 9)
−51.7
Lsp10
∆ (fVCO × 10)
−60.7
Lock-up time
TLOCK
PLLPS “L” to “H”
fVCO within
± 300 Hz,
VVCOout
= −12 ± 3 dBm
0.622
ms
12 pF
1.5 pF
VCOTNKI
VCOTNKO
220 nH
510 k
3.3 k
2200 pF
22000 pF
3.3 k
3000 pF
VCOCNT
DOPLL
<VCOTANK CIRCUIT>
<Loop Filter>


Similar Part No. - MB15C700PV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15C703 FUJITSU-MB15C703 Datasheet
132Kb / 16P
   Built-in IF Band Voltage Controlled Oscillator Mask ROM Frequency Synthesizer
More results

Similar Description - MB15C700PV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15C703 FUJITSU-MB15C703 Datasheet
132Kb / 16P
   Built-in IF Band Voltage Controlled Oscillator Mask ROM Frequency Synthesizer
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
   IF Band PLL Frequency Synthesizer
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
   IF Band PLL Frequency Synthesizer
logo
Toshiba Semiconductor
TA1303BFN TOSHIBA-TA1303BFN Datasheet
1Mb / 28P
   MIXER / OSCILLATOR BUILT-IN FREQUENCY SYNTHESIZER FOR VHF, CATV AND UHF BAND
logo
OKI electronic componet...
MSM9836 OKI-MSM9836 Datasheet
167Kb / 24P
   Voice Synthesis IC with Built-in Mask ROM
MSM9802 OKI-MSM9802 Datasheet
349Kb / 52P
   Voice Synthesis IC with Built-in Mask ROM
logo
EM Microelectronic - MA...
EM65XX EMMICRO-EM65XX Datasheet
274Kb / 28P
   Mask Rom
logo
RF Micro Devices
UMS-1400-A16-G RFMD-UMS-1400-A16-G Datasheet
261Kb / 3P
   OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-1200-A16-G RFMD-UMS-1200-A16-G Datasheet
261Kb / 3P
   OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com