Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F6CE1G4890-K221-V Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FAR-F6CE1G4890-K221-V
Description  Piezoelectric SAW BPF (1000 to 2500 MHz)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F6CE1G4890-K221-V Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button FAR-F6CE1G4890-K221-V Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F6CE1G4890-K221-V Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F6CE1G4890-K221-V Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F6CE1G4890-K221-V Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F6CE1G4890-K221-V Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F6CE1G4890-K221-V Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F6CE1G4890-K221-V Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F6CE1G4890-K221-V Datasheet HTML 9Page - Fujitsu Component Limited. FAR-F6CE1G4890-K221-V Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
F6 Series (L2 type)
6
5.
US-PCS (Tx)
Part number : FAR-F6CE-1G8800-L2XA
(Ta
= −30 °C to +85 °C)
6.
US-PCS (Tx) High Attenuation type
Part number : FAR-F6CE-1G8800-L2XZ
(Ta
= −30 °C to +85 °C)
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
1850 to 1910 MHz
3.2
4.2
dB
In-band deviation
1850 to 1910 MHz
2.0
2.5
dB
Absolute
stopband
attenuation
DC to 1500 MHz
20
22
dB
1500 to 1800 MHz
23
25
dB
1930 to 1990 MHz
7
18
dB
3700 to 3820 MHz
25
32
dB
5550 to 5730 MHz
15
21
dB
In-band VSWR
(Return loss)
1850 to 1910 MHz
(7.4)
2.0
(9.5)
2.5
(dB)
Max. input power
1850 to 1910 MHz

13
dBm
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
1850 to 1910 MHz
3.7
5.0
dB
In-band deviation
1850 to 1910 MHz
1.7
3.0
dB
Absolute
stopband
attenuation
DC to 120 MHz
40
47
dB
120 to 200 MHz
38
42
dB
200 to 1500 MHz
32
34
dB
1500 to 1800 MHz
35
38
dB
1930 to 1990 MHz
7
17
dB
1990 to 2200 MHz
35
41
dB
2200 to 2350 MHz
40
43
dB
2350 to 4000 MHz
20
32
dB
4000 to 5000 MHz
5
9
dB
In-band VSWR
(Return loss)
1850 to 1910 MHz
(6.5)
2.3
(8.1)
2.8
(dB)
Max. input power
1850 to 1910 MHz

13
dBm


Similar Part No. - FAR-F6CE1G4890-K221-V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F6CE1G4890-K221-V FUJITSU-FAR-F6CE1G4890-K221-V Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
More results

Similar Description - FAR-F6CE1G4890-K221-V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
logo
Teledyne Technologies I...
AC2554 TELEDYNE-AC2554 Datasheet
131Kb / 1P
   1000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
logo
TAI-SAW TECHNOLOGY CO.,...
TA2472A TAI-SAW-TA2472A Datasheet
801Kb / 7P
   SAW Filter 2500 MHz
logo
Fujitsu Component Limit...
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
logo
Johanson Technology Inc...
2400DP39A5425 JOHANSON-2400DP39A5425 Datasheet
79Kb / 2P
   2450 / 5400 MHz Diplexer ( BPF / BPF)
logo
Teledyne Technologies I...
TSA-213243 TELEDYNE-TSA-213243 Datasheet
172Kb / 2P
   1000 TO 2500 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com