Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WDIH15140SF3152 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # WDIH15140SF3152
Description  Mini 1480/1550nm WDM/Isolator Hybrid
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

WDIH15140SF3152 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  WDIH15140SF3152 Datasheet HTML 1Page - OPLINK Communications Inc. WDIH15140SF3152 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Applications
Performance Specificationns
Mini WDIH54 Series
Min
Typical
Max
Unit
Operating Wavelength Range (λs)
1528 ~ 1564 or 1570 ~ 1604
nm
Pump Channel Wavelength Range (λp)
1465 ~1495
nm
Channel Isolation (over λs,
0~70°C, all SOP)
Single Stage
21
dB
Dual Stage
36
Isolation
Pump Channel @ λs
15
dB
Signal Channel @ λp
25
Insertion Loss (Over
wavelength range
and 0~70°C, all SOP)
Pump Channel
0.5
dB
Signal
Channel
Single Stage
0.7
Dual Stage
0.9
WDL
0.25
dB
Return Loss
≥ 55
dB
Polarization Dependent Loss
(PDL)
Single Stage
0.10
dB
Dual Stage
0.15
Polarization Mode Dispersion
(PMD)
Single Stage
0.25
ps
Dual Stage
0.05
Directivity
≥ 55
dB
Operting Power Handling
≤ 500
mW
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Type
SMF-28, 250µm Bare Fiber
Package Dimension
(Φ) 3.0 x (L) 30.0
mm
S0076 - R01. 20100702
Mini 1480/1550nm WDM/Isolator
Hybrid
Mini WDIH54 Series
Oplink’s WDIH is a combination of a 1480/1550(1585)nm filter and a
1550(1585)nm polarization insensitive optical isolator. The Mini WDIH is a
low cost model with excellent performance including low insertion loss, high
isolation, high return loss, and low polarization dependent loss (PDL). This
product offers integrated solutions to EDFA applications by combining more
functions into a very compact package. The product package dimension is
about 3.0×30mm.
Oplink can provide customized designs to meet specialized feature applica-
tions.Also, Oplink offers modular assemblies that integrate other components
to form a full function module or subsystem.
Wide Operating Wavelength Range
Compact Size
High Isolation
Ultra Low PDL & PMD
Highly Stable & Reliable
Small Package Dimension
Epoxy-free Optical Path
EDFA
Raman Amplifiers


Similar Part No. - WDIH15140SF3152

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
WDIH15140SF315 OPLINK-WDIH15140SF315 Datasheet
305Kb / 2P
   Mini WDM/Isolator Hybrid
More results

Similar Description - WDIH15140SF3152

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
WDIH1514 OPLINK-WDIH1514 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WDIH15140SF1111 OPLINK-WDIH15140SF1111 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WDIH1514-S0077 OPLINK-WDIH1514-S0077 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WTIH1514S0121 OPLINK-WTIH1514S0121 Datasheet
164Kb / 2P
   1480/1550nm WDM/TAP Coupler/Isolator Hybrid Combination
WDIH15980SF3011 OPLINK-WDIH15980SF3011 Datasheet
216Kb / 2P
   Mini 980/1550nm WDM/Isolator Hybrid
WDIH15980SF3 OPLINK-WDIH15980SF3 Datasheet
433Kb / 2P
   Mini 980/1550nm WDM/Isolator Hybrid
MINI-WDIH59 OPLINK-MINI-WDIH59 Datasheet
216Kb / 2P
   Mini 980/1550nm WDM/Isolator Hybrid
WDIH1598-S0079 OPLINK-WDIH1598-S0079 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WDIH15980SF1111 OPLINK-WDIH15980SF1111 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WDIH1598 OPLINK-WDIH1598 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com