Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OADMG1011002011 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # OADMG1011002011
Description  Single Channel OADM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OADMG1011002011 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  OADMG1011002011 Datasheet HTML 1Page - OPLINK Communications Inc. OADMG1011002011 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
OADMG 100GHz (2x2) Series
Min
Typical
Max
Unit
Working Wavelength Range
1528~1640
nm
Center Wavelength λ
C
ITU Grid
nm
Channel Spacing
100
GHz
Passband Bandwidth
λ
C ± 0.11
nm
Insertion Loss 1)
Add/Drop
0.75
0.85
dB
Express
0.80
0.90
Add/Drop Adjacent Channel Isolation
30
dB
Add/Drop Non-adjacent Channel Isolation
40
dB
Express Channel Isolation
28
dB
Polarization Dependent Loss (PDL)
0.20
dB
Polarization Mode Dispersion (PMD)
0.20
ps
Return Loss
45
dB
Directivity
50
dB
Operating Power
500
mW
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Type
Corning SMF-28
Package Dimensions 3)
125 x 90 x 8
mm
Applications
Performance Specificationns
Note:
1)
The maximum IL is under all states of polarization and within the full operating temperature and wavelength
ranges specified..
2)
All the parameters are excluding connectors.
3)
The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified.
S0037 - R03. 20100616
Green 100 GHz Single Channel
OADM (2x2)
OADMG1 2x2 Series
Oplink’s 100GHz single Channel OADM is based on patented athermal plat-
form for optical device.This multiplexer features ultra low insertion loss, su-
per thermal stability, and unparallel reliability. The technology is a lead-free
packaging platform and no epoxy in the optical path. Green 100GHz OADM
is Telcordia GR-1221and GR-1209 tested, qualified for uncontrolled environ-
ment applications and complied with industry green initiatives such as RoHS
and WEEE.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other components
to form a full function module or subsystem.
Environmental Green Plan
Compliance
Ultra-Low Insertion Loss
Narrow Down Distribution
Super Thermal Stability
Highly Reliability
High Channel Isolation
Add/Drop Channels
Dense WDM System
CATV Fiberoptics Links


Similar Part No. - OADMG1011002011

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OADMG1-1X2 OPLINK-OADMG1-1X2 Datasheet
219Kb / 2P
   Single Channel OADM
More results

Similar Description - OADMG1011002011

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OADMG1-1X2 OPLINK-OADMG1-1X2 Datasheet
219Kb / 2P
   Single Channel OADM
OADMG2-1X2 OPLINK-OADMG2-1X2 Datasheet
293Kb / 2P
   Single Channel OADM
OADMG2-2X2 OPLINK-OADMG2-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
COADMG OPLINK-COADMG Datasheet
291Kb / 2P
   Single Channel CWDM OADM
CWDMG OPLINK-CWDMG Datasheet
188Kb / 2P
   Single Channel CWDM OADM
COADMG_2X2-S0006 OPLINK-COADMG_2X2-S0006 Datasheet
291Kb / 2P
   Green Single Channel CWDM OADM
logo
Finisar Corporation.
FWSF-OADM-4-1 FINISAR-FWSF-OADM-4-1 Datasheet
218Kb / 3P
   CWDM OADM-4 Plug-in Module
OADMF-4-1-LC FINISAR-OADMF-4-1-LC Datasheet
113Kb / 2P
   CWDM OADM-4 Optibox Module
OADMF-1-47-LC FINISAR-OADMF-1-47-LC Datasheet
111Kb / 2P
   CWDM OADM-1 Optibox Module
logo
Bookham, Inc.
CB1SLU3215533290653 BOOKHAM-CB1SLU3215533290653 Datasheet
112Kb / 3P
   100GHz WDM Filter Components for OADM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com