Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MWDMG13CS0H22H1 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # MWDMG13CS0H22H1
Description  CWDM Micro-Optic WDM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MWDMG13CS0H22H1 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  MWDMG13CS0H22H1 Datasheet HTML 1Page - OPLINK Communications Inc. MWDMG13CS0H22H1 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MWDMG
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Mechanical Drawing / Package Dimensions (dimension in mm)
P1: 250µm bare fiber
P2: 900µm loose tube
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
0
Package & Fiber Jacket
P1 + 250μm bare fiber = 11
P2 + 900μm loose tube = 22
Wavelength
Grade
Fiber Length*
1300nm pass = 13CS
CWDM pass = CS13
High Isolation = H
Standard = S
0.5 Meter = H
1.0 Meter = 1
1.5 Meters = 5
2.0 Meters = 2
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC = 9
MU = A
Green 1310nm/CWDM Micro-Optic WDM
MWDMG13CS Series
S0028 - R03. 20100602
* The tolerance of fiber length is +/-0.1m. 1 meter is standard. The lead-time for special fiber
length will be longer.


Similar Part No. - MWDMG13CS0H22H1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMG13CS0H22H OPLINK-MWDMG13CS0H22H Datasheet
277Kb / 2P
   1310nm/CWDM Micro-Optic WDM
More results

Similar Description - MWDMG13CS0H22H1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMG13CS0H11H OPLINK-MWDMG13CS0H11H Datasheet
277Kb / 2P
   1310nm/CWDM Micro-Optic WDM
MWDMG13CS-S0028 OPLINK-MWDMG13CS-S0028 Datasheet
286Kb / 2P
   Green 1310nm/CWDM Micro-Optic WDM
MWDMG15981000H1 OPLINK-MWDMG15981000H1 Datasheet
278Kb / 2P
   Micro-Optic WDM
MWDMG1598 OPLINK-MWDMG1598 Datasheet
284Kb / 2P
   Micro-Optic WDM
MWDMGCR OPLINK-MWDMGCR Datasheet
286Kb / 2P
   Micro-Optic WDM
MWDMGCSU OPLINK-MWDMGCSU Datasheet
143Kb / 2P
   Micro-Optic WDM
MWDMGLSU OPLINK-MWDMGLSU Datasheet
184Kb / 2P
    Micro-Optic WDM
HWDMG OPLINK-HWDMG Datasheet
287Kb / 2P
   Micro-Optic WDM
MWDMG00500011H1 OPLINK-MWDMG00500011H1 Datasheet
276Kb / 2P
   Micro-Optic WDM
MWDMG1315 OPLINK-MWDMG1315 Datasheet
170Kb / 2P
   Micro-Optic WDM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com