Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MINI-OISS Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # MINI-OISS
Description  Mini Polarization Insensitive Fiber Isolator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MINI-OISS Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  MINI-OISS Datasheet HTML 1Page - OPLINK Communications Inc. MINI-OISS Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Mini OISS Series
P Grade
A Grade
Unit
Operating Wavelength Range
1310 ± 15
1480 ± 15
C-band : 1528 ~ 1564
L-band : 1570 ~ 1605
nm
Insertion Loss (Max.) [1]
0.35
0.40
dB
Isolation (Min.) : (over operating wavelength
range, 0~70°C, all SOP)
22
21
dB
Wavelength Dependent Loss (Max.)
0.1
0.1
dB
Return Loss (Input/Output Ports)
55/50
55/50
dB
Polarization Dependent Loss (PDL) (Max.)
0.05
0.10
dB
Polarization Mode Dispersion (PMD) (Max.)
0.25
0.25
ps
Maximum Power Handling
2
W
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Jacket
Corning SMF-28 : 250μm bare fiber
Pure Mode RC SMF-28 : 80μm bare fiber
Package Dimensions [3]
P3 : (ø) 3.0 x (L) 25.0
mm
Applications
Performance Specificationns
Notes:
[1]
The maximum IL is under all states of polarization and within the full operating temperature and wave-
length ranges specified.
[2]
All the parameters are excluding connectors.
[3]
The mechanical tolerance should be +/-0.2mm on all package dimensions unless otherwise custom speci-
fied.
[4]
For Low PMD version, the PMD (max.) spec is 0.05 ps, and insertion loss spec is 0.05dB higher.
OUTPUT
L (mm)
Ø (mm)
INPUT
S0057 - R05. 20100802
Mini Polarization Insensitive Fiber
Isolator (Single Stage)
Mini OISS Series
Oplink’s state of the art, mini polarization-insensitive isolators offer the small-
est package size, 3.0×25mm, which saves 60% real estate comparing to standard
isolators, with excellent performance such as super low insertion loss, low po-
larization dependent loss (PDL), low wavelength dependent loss (WDL), and high
isolation. Low PMD version is also available. It also has a package option with
80µm reduced cladding fiber pigtail, which results in small bending radius and low
bending losses.
Oplink mini isolator can sustain high optical power due to its optical path epoxy-
free packaging. It is qualified to Telcordia GR-1221 standards.
Super Compact Size
Low Insertion Loss
Low Insertion Loss Variation Over
Wavelength
High Power Handling
Highly Stable & Reliable
Epoxy-free Optical Path
80μm Fiber Pigtail Option
EDFA & Raman Amplifiers
Fiberoptic Instruments
Fiberoptic Network Links
Transmitters and Fiber Lasers


Similar Part No. - MINI-OISS

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MINI-OISA OPLINK-MINI-OISA Datasheet
275Kb / 2P
   Optical Isolator
More results

Similar Description - MINI-OISS

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OISS1310PS0311 OPLINK-OISS1310PS0311 Datasheet
273Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
OIDS1310000311 OPLINK-OIDS1310000311 Datasheet
264Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
OISSG1310S OPLINK-OISSG1310S Datasheet
237Kb / 2P
   Polarization Insensitive Fiber Isolator
OIXSG OPLINK-OIXSG Datasheet
286Kb / 2P
   Polarization Insensitive Fiber Isolator
OIDS1310P001 OPLINK-OIDS1310P001 Datasheet
216Kb / 2P
   Polarization Insensitive Fiber Isolator
OISS1310PS01 OPLINK-OISS1310PS01 Datasheet
373Kb / 2P
   Polarization Insensitive Fiber Isolator
OISS1550PS03111 OPLINK-OISS1550PS03111 Datasheet
279Kb / 2P
   Mini Polarization Insensitive Fiber Isolator (Single Stage)
OISA OPLINK-OISA Datasheet
174Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OIXSG-S0059 OPLINK-OIXSG-S0059 Datasheet
286Kb / 2P
   Green Polarization Insensitive Fiber Isolator
OISA-S0056 OPLINK-OISA-S0056 Datasheet
174Kb / 2P
   Polarization Insensitive Fiber Isolator Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com