Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25088 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM25088
Description  Wide Input Range Non-Synchronous Buck Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25088 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM25088 Datasheet HTML 3Page - Texas Instruments LM25088 Datasheet HTML 4Page - Texas Instruments LM25088 Datasheet HTML 5Page - Texas Instruments LM25088 Datasheet HTML 6Page - Texas Instruments LM25088 Datasheet HTML 7Page - Texas Instruments LM25088 Datasheet HTML 8Page - Texas Instruments LM25088 Datasheet HTML 9Page - Texas Instruments LM25088 Datasheet HTML 10Page - Texas Instruments LM25088 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
1E+04
1E+05
1E+06
1E+07
FREQUENCY (Hz)
-10
50
0
10
20
30
40
-30
150
0
30
60
90
120
LM25088
www.ti.com
SNVS609G – DECEMBER 2008 – REVISED MARCH 2011
Typical Performance Characteristics (continued)
VFB
Forced-Off Time
vs
vs
Temperature
Temperature
Figure 9.
Figure 10.
Soft-Start
Current-Limit
vs
vs
Temperature
Temperature
Figure 11.
Figure 12.
Frequency
vs
Temperature
Error Amplifier Gain/Phase
Figure 13.
Figure 14.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25088


Similar Part No. - LM25088

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI-LM25088 Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM25088-Q1 TI-LM25088-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM25088MH-1 NSC-LM25088MH-1 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088MH-1/NOPB TI-LM25088MH-1/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results

Similar Description - LM25088

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com