Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5015 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5015
Description  High Voltage Monolithic Two-Switch Forward DC-DC Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5015 Datasheet(HTML) 5 Page - Texas Instruments

  LM5015 Datasheet HTML 1Page - Texas Instruments LM5015 Datasheet HTML 2Page - Texas Instruments LM5015 Datasheet HTML 3Page - Texas Instruments LM5015 Datasheet HTML 4Page - Texas Instruments LM5015 Datasheet HTML 5Page - Texas Instruments LM5015 Datasheet HTML 6Page - Texas Instruments LM5015 Datasheet HTML 7Page - Texas Instruments LM5015 Datasheet HTML 8Page - Texas Instruments LM5015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM5015
www.ti.com
SNVS538B – NOVEMBER 2007 – REVISED JANUARY 2009
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of −40°C
to + 125°C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. VVIN = 48V, RRT = 31.6
k
Ω unless otherwise stated. See
(1).
Symbol
Parameters
Conditions
Min
Typ
Max
Units
COMP to SW Delay
50
ns
Unity Gain Bandwidth
4
MHz
SOFT START
Soft-start Current Source
8
11
14
µA
Soft-start to COMP Offset
0.3
0.5
0.7
V
THERMAL SHUTDOWN
TSD
Thermal Shutdown Threshold
165
°C
Thermal Shutdown Hysteresis
25
°C
THERMAL RESISTANCE
θJC
Junction to Case
6.6
°C/W
θJA
Junction to Ambient
40
°C/W
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5015


Similar Part No. - LM5015

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5015 NSC-LM5015 Datasheet
389Kb / 24P
   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
Texas Instruments
LM5015 TI-LM5015 Datasheet
1Mb / 28P
[Old version datasheet]   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
National Semiconductor ...
LM5015MH NSC-LM5015MH Datasheet
389Kb / 24P
   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
Texas Instruments
LM5015MH/NOPB TI-LM5015MH/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
National Semiconductor ...
LM5015MHE NSC-LM5015MHE Datasheet
389Kb / 24P
   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
More results

Similar Description - LM5015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5015 TI-LM5015_15 Datasheet
1Mb / 28P
[Old version datasheet]   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
National Semiconductor ...
LM5015 NSC-LM5015 Datasheet
389Kb / 24P
   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
Monolithic Power System...
MP6002 MPS-MP6002 Datasheet
511Kb / 15P
   Monolithic Flyback/Forward DC-DC Converter
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6001DN-00B MPS-EV6001DN-00B Datasheet
234Kb / 7P
   Monolithic Flyback/Forward DC-DC Converter EV Board
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
MP6001 MPS-MP6001 Datasheet
522Kb / 13P
   Monolithic Flyback/Forward dd-DC Converter
logo
Power Integrations, Inc...
DPA422GN POWERINT-DPA422GN Datasheet
1Mb / 20P
   DPA-Switch DC-DC Forward Converter Design Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com