Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2833 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2833
Description  1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2833 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2833 Datasheet HTML 6Page - Texas Instruments LM2833 Datasheet HTML 7Page - Texas Instruments LM2833 Datasheet HTML 8Page - Texas Instruments LM2833 Datasheet HTML 9Page - Texas Instruments LM2833 Datasheet HTML 10Page - Texas Instruments LM2833 Datasheet HTML 11Page - Texas Instruments LM2833 Datasheet HTML 12Page - Texas Instruments LM2833 Datasheet HTML 13Page - Texas Instruments LM2833 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
0
0
VIN
-VD
TON
t
t
Inductor
Current
D = TON/TSW
VSW
TOFF
TSW
IL
SW
Voltage
'iL
IOUT
ILPK
LM2833
SNVS505D – MAY 2008 – REVISED JANUARY 2009
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
The LM2833 is a constant frequency PWM buck regulator IC that delivers a 3.0A load current. The regulator is
available in preset switching frequencies of 1.5MHz or 3.0MHz. This high frequency allows the LM2833 to
operate with small surface mount capacitors and inductors, resulting in a DC/DC converter that requires a
minimum amount of board space. The LM2833 is internally compensated, therefore it is simple to use and
requires few external components. The LM2833 uses peak current-mode control to regulate the output voltage.
The following description of operation of the LM2833 will refer to the Typical Application Circuit, to the waveforms
in Figure 26 and simplified block diagram in Figure 25. The LM2833 supplies a regulated output voltage by
switching the internal PMOS power switch at a constant frequency and variable duty cycle. A switching cycle
begins at the falling edge of the reset pulse generated by the internal oscillator. When this pulse goes low, the
output control logic turns on the internal PMOS power switch. During this on-time, the SW pin voltage (VSW)
swings up to approximately VIN, and the inductor current (IL) increases with a linear slope. IL is measured by the
current sense amplifier, which generates an output proportional to the switch current. The sense signal is
summed with the regulator’s corrective ramp and compared to the error amplifier’s output, which is proportional
to the difference between the feedback voltage and VREF. When the PWM comparator output goes high, the
internal power switch turns off until the next switching cycle begins. During the switch off-time, the inductor
current discharges through the catch diode D1, which forces the SW pin to swing below ground by the forward
voltage (VD) of the catch diode. The regulator loop adjusts the duty cycle (D) to maintain a constant output
voltage.
Figure 26. SW Pin Voltage and Inductor Current Waveforms
SOFT-START/SHUTDOWN
The LM2833 has both enable and shutdown modes that are controlled by the EN pin. Connecting a voltage
source greater than 1.8V to the EN pin enables the operation of the LM2833, while reducing this voltage below
0.4V places the part in a low quiescent current (300nA typical) shutdown mode. There is no internal pull-up on
EN pin, therefore an external signal is required to initiate switching. Do not allow this pin to float or rise to 0.3V
above VIN. It should be noted that when the EN pin voltage rises above 1.8V while the input voltage is greater
than UVLO, there is 15µs delay before switching starts. During this delay the LM2833 will go through a power on
reset state after which the internal soft-start process commences. During soft-start, the error amplifier’s reference
voltage ramps from 0V to its nominal value of 0.6V in approximately 600µs. This forces the regulator output to
ramp up in a controlled fashion, which helps reduce inrush current seen at the input and minimizes output
voltage overshoot.
The simplest way to enable the operation of the LM2833 is to connect the EN pin to VIN which allows self start-up
of the LM2833 whenever the input voltage is applied. However, when an input voltage of slow rise time is used to
power the application and if both the input voltage and the output voltage are not fully established before the soft-
start time elapses, the control circuit will command maximum duty cycle operation of the internal power switch to
bring up the output voltage rapidly. When the feedback pin voltage exceeds 0.6V, the duty cycle will have to
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LM2833


Similar Part No. - LM2833

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2833 NSC-LM2833 Datasheet
672Kb / 22P
   1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
LM2833XMY/NOPB TI1-LM2833XMY/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
LM2833XSD/NOPB TI1-LM2833XSD/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
LM2833ZMY/NOPB TI1-LM2833ZMY/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
More results

Similar Description - LM2833

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2833 NSC-LM2833 Datasheet
672Kb / 22P
   1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
logo
ams AG
AS1324 AMSCO-AS1324 Datasheet
910Kb / 20P
   1.5MHz, 600mA, DC/DC Step-Down Regulator
logo
AiT Semiconductor Inc.
A7131 AITSEMI-A7131 Datasheet
672Kb / 12P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) 3.0A 1.5MHz SYNCHRONOUS BUCK CONVERTER
REV2.0
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
   3MHz, 1A STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com