Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-M2DB-18M432-F100 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FAR-M2DB-18M432-F100
Description  Piezoelectric VCO (4 to 30 MHz)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-M2DB-18M432-F100 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FAR-M2DB-18M432-F100 Datasheet HTML 1Page - Fujitsu Component Limited. FAR-M2DB-18M432-F100 Datasheet HTML 2Page - Fujitsu Component Limited. FAR-M2DB-18M432-F100 Datasheet HTML 3Page - Fujitsu Component Limited. FAR-M2DB-18M432-F100 Datasheet HTML 4Page - Fujitsu Component Limited. FAR-M2DB-18M432-F100 Datasheet HTML 5Page - Fujitsu Component Limited. FAR-M2DB-18M432-F100 Datasheet HTML 6Page - Fujitsu Component Limited. FAR-M2DB-18M432-F100 Datasheet HTML 7Page - Fujitsu Component Limited. FAR-M2DB-18M432-F100 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
M2 Series (F100)
s
TYPICAL CHARACTERISTICS
Part number : FAR-M2DB-27M000-F100
1. Oscillation Frequency vs. Control Votage
2. Frequency Stability With Temperature
(Ta = +25
°C reference)
3. Frequency Stability vs. Vcc
(VCC = +50 reference)
Control Voltage (V)
5.000
4.000
3.000
2.000
1.000
0
− 1.000
− 2.000
− 3.000
− 4.000
− 5.000
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
27.000 MHz
Temperature (
°C)
500
400
300
200
100
0
− 100
− 200
− 300
− 400
− 500
–20
–10
0
1020304050607080
V IN = +2.5 V
Vcc (V)
200
150
100
50
0
–50
–100
–150
–200
4.50
4.75
5.00
5.25
5.50
V IN = +2.5 V


Similar Part No. - FAR-M2DB-18M432-F100

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-M2CC FUJITSU-FAR-M2CC Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-14M318-F150 FUJITSU-FAR-M2CC-14M318-F150 Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-14M318-F150-R FUJITSU-FAR-M2CC-14M318-F150-R Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-16M934-F150 FUJITSU-FAR-M2CC-16M934-F150 Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-16M934-F150-R FUJITSU-FAR-M2CC-16M934-F150-R Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
More results

Similar Description - FAR-M2DB-18M432-F100

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-M2CC FUJITSU-FAR-M2CC Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M3DC FUJITSU-FAR-M3DC Datasheet
72Kb / 8P
   Piezoelectric VCO (6 to 30 MHz)
FAR-C3C FUJITSU-FAR-C3C Datasheet
73Kb / 9P
   Piezoelectric Resonator (4 to 20 MHz)
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
   Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CN FUJITSU-FAR-C4CN Datasheet
61Kb / 9P
   Piezoelectric Resonator (4 to 23.9 MHz)
FAR-C4CL FUJITSU-FAR-C4CL Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
VC-24 FUJITSU-VC-24 Datasheet
166Kb / 15P
   VCO (800 to 2000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com