Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2794 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2794
Description  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2794 Datasheet(HTML) 4 Page - Texas Instruments

  LM2794 Datasheet HTML 1Page - Texas Instruments LM2794 Datasheet HTML 2Page - Texas Instruments LM2794 Datasheet HTML 3Page - Texas Instruments LM2794 Datasheet HTML 4Page - Texas Instruments LM2794 Datasheet HTML 5Page - Texas Instruments LM2794 Datasheet HTML 6Page - Texas Instruments LM2794 Datasheet HTML 7Page - Texas Instruments LM2794 Datasheet HTML 8Page - Texas Instruments LM2794 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM2794, LM2795
SNVS168K – MAY 2004 – REVISED MAY 2004
www.ti.com
Electrical Characteristics
Limits in standard typeface are for TJ = 25°C and limits in boldface type apply over the full Operating Junction
Temperature Range (
−30°C ≤ TJ ≤ +100°C). Unless otherwise specified, C1 = C2 = CIN = CHOLD = 1 µF, VIN = 3.6V, BRGT
pin = 0V; RSET =124Ω ; LM2794:VSD = VIN (LM2795: VSD = 0V).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDX
Available Current at Output Dx
3.0V
≤ VIN ≤ 5.5V
15
16.8
mA
VDX ≤ 3.8V
BRGT = 50mV
2.7V
≤ VIN ≤ 3.0V
10
VDX ≤ 3.6V
mA
BRGT = 0V
VDX ≤ 3.8V
20
mA
BRGT = 200mV
VDX
Available Voltage at Output Dx
3.0V
≤ VIN ≤ 5.5V
3.8
V
IDX ≤ 15mA
BRGT = 50mV
IDX
Line Regulation of Dx Output
3.0V
≤ VIN ≤ 5.5V
14.18
15.25
16.78
mA
Current
VDX = 3.6V
3.0V
≤ VIN ≤ 4.4V
14.18
15.25
16.32
mA
VDX = 3.6V
IDX
Load Regulation of Dx Output
VIN = 3.6V
14.18
15.25
16.32
mA
Current
3.0V
≤ VDX ≤ 3.8V
ID-MATCH
Current Matching Between Any
VIN = 3.6V, VDX = 3.6V
0.5
%
Two Outputs
IQ
Quiescent Supply Current
3.0V
≤ VIN ≤ 4.2V, Active, No Load
5.5
8.2
mA
Current
RSET = OPEN
ISD
Shutdown Supply Current
3.0V
≤ VIN ≤ 5.5V, Shutdown
2.3
5
µA
IPULL-SD
Shutdown Pull-Up Current
VIN = 3.6V
1.5
µA
(LM2795)
VCP
Input Charge-Pump Mode To Pass
4.7
V
Mode Threshold
VCPH
Input Charge-Pump Mode To Pass
(1)
250
mV
Mode Hysteresis
VIH
SD Input Logic High (LM2794)
3.0V
≤ VIN ≤ 5.5V
1.0
V
SD Input Logic High (LM2795)
0.8VIN
VIL
SD Input Logic Low (LM2794)
3.0V
≤ VIN ≤ 5.5V
0.2
V
SD Input Logic Low (LM2795)
0.2VIN
ILEAK-SD
SD Input Leakage Current
0V
≤ VSD ≤ VIN
100
nA
RBRGT
BRGT Input Resistance
240
k
ISET
ISET Pin Output Current
IDX/10
mA
fSW
Switching Frequency (2)
3.0V
≤ VIN ≤ 4.4V
325
515
675
kHz
(1)
Voltage at which the device switches from charge-pump mode to pass mode or pass mode to charge-pump mode. For example, during
pass mode the device output (Pout) follows the input voltage.
(2)
The output switches operate at one eigth of the oscillator frequency, fOSC = 1/8fSW.
4
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM2794 LM2795


Similar Part No. - LM2794

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2794BL NSC-LM2794BL Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2794BLX NSC-LM2794BLX Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2794TL NSC-LM2794TL Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
More results

Similar Description - LM2794

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
   White LED Charge Pump Current Source with PWM Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com