Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-M2CC-18M432-F150 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FAR-M2CC-18M432-F150
Description  Piezoelectric VCO (6 to 30 MHz)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-M2CC-18M432-F150 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FAR-M2CC-18M432-F150 Datasheet HTML 1Page - Fujitsu Component Limited. FAR-M2CC-18M432-F150 Datasheet HTML 2Page - Fujitsu Component Limited. FAR-M2CC-18M432-F150 Datasheet HTML 3Page - Fujitsu Component Limited. FAR-M2CC-18M432-F150 Datasheet HTML 4Page - Fujitsu Component Limited. FAR-M2CC-18M432-F150 Datasheet HTML 5Page - Fujitsu Component Limited. FAR-M2CC-18M432-F150 Datasheet HTML 6Page - Fujitsu Component Limited. FAR-M2CC-18M432-F150 Datasheet HTML 7Page - Fujitsu Component Limited. FAR-M2CC-18M432-F150 Datasheet HTML 8Page - Fujitsu Component Limited. FAR-M2CC-18M432-F150 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
M2 Series (F150)
s
ELECTRICAL CHARACTERISTICS
Unless otherwise specified Ta = +25
°C, VCC = 5.0 V
s
MEASURMENT CIRCUIT
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Current consumption
ICC
Without load
5.0
10
mA
Output voltage
“H”
VOH
VIN = 2.5 V
VCC – 0.5
5.0
V
“L”
VOL
—0
+0.5
V
Oscillation frequency
fH
VIN = 5.0 V
+2000
ppm Nominal
frequency
reference
fL
VIN = 0.0 V
–2000
ppm
Frequency stability
∆f(VCC)
VCC = 4.75 V
to 5.25 V
VIN = 2.5 V
–150
+150
ppm V
CC
= 5.0 V
reference
Frequency stability
with temperature
∆f(Ta)
VIN = 2.5 V
Ta = –10 to +70
°C
–500
+500
ppm 25°C
reference
VCC
0.1
µF
GND
Output
CL
= 22 pF
VIN
1
4
3
2
CL includes capacitance
of probe and test fixture


Similar Part No. - FAR-M2CC-18M432-F150

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-M2DB FUJITSU-FAR-M2DB Datasheet
65Kb / 8P
   Piezoelectric VCO (4 to 30 MHz)
FAR-M2DB-12M288-F100 FUJITSU-FAR-M2DB-12M288-F100 Datasheet
65Kb / 8P
   Piezoelectric VCO (4 to 30 MHz)
FAR-M2DB-12M500-F100 FUJITSU-FAR-M2DB-12M500-F100 Datasheet
65Kb / 8P
   Piezoelectric VCO (4 to 30 MHz)
FAR-M2DB-13M500-F100 FUJITSU-FAR-M2DB-13M500-F100 Datasheet
65Kb / 8P
   Piezoelectric VCO (4 to 30 MHz)
FAR-M2DB-14M318-F100 FUJITSU-FAR-M2DB-14M318-F100 Datasheet
65Kb / 8P
   Piezoelectric VCO (4 to 30 MHz)
More results

Similar Description - FAR-M2CC-18M432-F150

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-M3DC FUJITSU-FAR-M3DC Datasheet
72Kb / 8P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2DB FUJITSU-FAR-M2DB Datasheet
65Kb / 8P
   Piezoelectric VCO (4 to 30 MHz)
FAR-C3C FUJITSU-FAR-C3C Datasheet
73Kb / 9P
   Piezoelectric Resonator (4 to 20 MHz)
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
   Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CL FUJITSU-FAR-C4CL Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CN FUJITSU-FAR-C4CN Datasheet
61Kb / 9P
   Piezoelectric Resonator (4 to 23.9 MHz)
VC-24 FUJITSU-VC-24 Datasheet
166Kb / 15P
   VCO (800 to 2000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com