Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD18537NQ5A Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD18537NQ5A
Description  60 V N-Channel NexFET??Power MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18537NQ5A Datasheet(HTML) 2 Page - Texas Instruments

  CSD18537NQ5A_14 Datasheet HTML 1Page - Texas Instruments CSD18537NQ5A_14 Datasheet HTML 2Page - Texas Instruments CSD18537NQ5A_14 Datasheet HTML 3Page - Texas Instruments CSD18537NQ5A_14 Datasheet HTML 4Page - Texas Instruments CSD18537NQ5A_14 Datasheet HTML 5Page - Texas Instruments CSD18537NQ5A_14 Datasheet HTML 6Page - Texas Instruments CSD18537NQ5A_14 Datasheet HTML 7Page - Texas Instruments CSD18537NQ5A_14 Datasheet HTML 8Page - Texas Instruments CSD18537NQ5A_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CSD18537NQ5A
SLPS391A – JUNE 2013 – REVISED FEBRUARY 2014
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4 Specifications
4.1
Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
60
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 48 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
2.6
3.0
3.5
V
VGS = 6 V, ID = 12 A
13
17
m
RDS(on)
Drain-to-Source On Resistance
VGS = 10 V, ID = 12 A
10
13
m
gfs
Transconductance
VDS = 30 V, ID = 12 A
62
S
Dynamic Characteristics
Ciss
Input Capacitance
1140
1480
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 30 V, f = 1 MHz
136
177
pF
Crss
Reverse Transfer Capacitance
4
5.2
pF
RG
Series Gate Resistance
5.5
11.0
Qg
Gate Charge Total (10 V)
14
18
nC
Qgd
Gate Charge Gate to Drain
2.3
nC
VDS = 30 V, ID = 12 A
Qgs
Gate Charge Gate to Source
4.7
nC
Qg(th)
Gate Charge at Vth
3.3
nC
Qoss
Output Charge
VDS = 30 V, VGS = 0 V
25
nC
td(on)
Turn On Delay Time
5.8
ns
tr
Rise Time
4.0
ns
VDS = 30 V, VGS = 10 V, IDS = 12 A, RG = 0 Ω
td(off)
Turn Off Delay Time
14.4
ns
tf
Fall Time
3.2
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 12 A, VGS = 0 V
0.8
1
V
Qrr
Reverse Recovery Charge
54
nC
VDS= 30 V, IF = 12 A, di/dt = 300 A/μs
trr
Reverse Recovery Time
40
ns
4.2 Thermal Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Thermal Resistance Junction to Case(1)
1.3
°C/W
RθJA
Thermal Resistance Junction to Ambient(1)(2)
50
°C/W
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch (3.81-cm ×
3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
2
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: CSD18537NQ5A


Similar Part No. - CSD18537NQ5A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD18537NQ5A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533KCS TI-CSD18533KCS Datasheet
699Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI-CSD18537NQ5A Datasheet
1Mb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NKCS TI-CSD18537NKCS Datasheet
483Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532KCS TI-CSD18532KCS Datasheet
928Kb / 10P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532Q5B TI-CSD18532Q5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com