Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27425-G2 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ27425-G2
Description  System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27425-G2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ27425-G2 Datasheet HTML 3Page - Texas Instruments BQ27425-G2 Datasheet HTML 4Page - Texas Instruments BQ27425-G2 Datasheet HTML 5Page - Texas Instruments BQ27425-G2 Datasheet HTML 6Page - Texas Instruments BQ27425-G2 Datasheet HTML 7Page - Texas Instruments BQ27425-G2 Datasheet HTML 8Page - Texas Instruments BQ27425-G2 Datasheet HTML 9Page - Texas Instruments BQ27425-G2 Datasheet HTML 10Page - Texas Instruments BQ27425-G2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
bq27425-G2
www.ti.com
SLUSB23A – OCTOBER 2012 – REVISED FEBRUARY 2013
GENERAL DESCRIPTION
The bq27425 accurately predicts the battery capacity and other operational characteristics of a single Li-based
rechargeable cell. It can be interrogated by a system processor to provide cell information, such as state-of-
charge (SOC).
Information is accessed through a series of commands, called Standard Commands. Further capabilities are
provided by the additional Extended Commands set. Both sets of commands, indicated by the general format
Command( ), are used to read and write information contained within the bq27425 control and status registers,
as well as its data locations. Commands are sent from system to gauge using the bq27425’s I2C serial
communications engine, and can be executed during application development, system manufacture, or end-
equipment operation.
The key to the bq27425’s high-accuracy gas gauging prediction is Texas Instrument’s proprietary Impedance
Track™ algorithm. This algorithm uses cell measurements, characteristics, and properties to create state-of-
charge predictions that can achieve high accuracy across a wide variety of operating conditions and over the
lifetime of the battery.
The bq27425 measures charge/discharge activity by monitoring the voltage across a small-value integrated
sense resistor (10 m
Ω typical) located between the system’s Vss and the battery’s PACK– terminal. When a cell
is attached to the bq27425, cell impedance is computed, based on cell current, cell open-circuit voltage (OCV),
and cell voltage under loading conditions.
The bq27425 uses an integrated temperature sensor for estimating cell temperature. Alternatively, the host
processor can provide temperature data for the bq27425.
To minimize power consumption, the bq27425 has several power modes: INITIALIZATION, NORMAL, SLEEP,
and HIBERNATE. The bq27425 passes automatically between these modes, depending upon the occurrence of
specific events, though a system processor can initiate some of these modes directly. More details can be found
in Section Power Modes.
NOTE
FORMATTING CONVENTIONS IN THIS DOCUMENT:
Commands:
italics
with
parentheses
and
no
breaking
spaces,
that
is,
RemainingCapacity( ).
NVM Data: italics, bold, and breaking spaces, that is, Design Capacity.
Register bits and flags: brackets and italics, that is, [TDA]
NVM Data bits: brackets, italics and bold, that is: [LED1]
Modes and states: ALL CAPITALS, that is, UNSEALED mode.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq27425-G2


Similar Part No. - BQ27425-G2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27425-G2 TI1-BQ27425-G2 Datasheet
1Mb / 39P
[Old version datasheet]   Fuel Gauge With Integrated Sense Resistor
BQ27425-G2A TI1-BQ27425-G2A Datasheet
1Mb / 39P
[Old version datasheet]   Fuel Gauge With Integrated Sense Resistor
BQ27425-G2B TI1-BQ27425-G2B Datasheet
1Mb / 39P
[Old version datasheet]   Fuel Gauge With Integrated Sense Resistor
BQ27425-G2 TI1-BQ27425-G2_15 Datasheet
1Mb / 39P
[Old version datasheet]   Fuel Gauge With Integrated Sense Resistor
More results

Similar Description - BQ27425-G2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27425-G1 TI1-BQ27425-G1 Datasheet
875Kb / 32P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27421-G1 TI-BQ27421-G1 Datasheet
959Kb / 20P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27421-G1 TI1-BQ27421-G1_16 Datasheet
1Mb / 28P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated Sense Resistor
BQ27427 TI-BQ27427 Datasheet
929Kb / 24P
[Old version datasheet]   BQ27427 System-Side Impedance Track™ Fuel Gauge With Integrated Sense Resistor
DECEMBER 2022
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G3 TI1-BQ27520-G3_17 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com