Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54062 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS54062
Description  4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54062 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54062_14 Datasheet HTML 6Page - Texas Instruments TPS54062_14 Datasheet HTML 7Page - Texas Instruments TPS54062_14 Datasheet HTML 8Page - Texas Instruments TPS54062_14 Datasheet HTML 9Page - Texas Instruments TPS54062_14 Datasheet HTML 10Page - Texas Instruments TPS54062_14 Datasheet HTML 11Page - Texas Instruments TPS54062_14 Datasheet HTML 12Page - Texas Instruments TPS54062_14 Datasheet HTML 13Page - Texas Instruments TPS54062_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
TPS54062
SLVSAV1B – MAY 2011 – REVISED AUGUST 2012
www.ti.com
OVERVIEW
The TPS54062 device is a 60 V, 50 mA, step-down (buck) regulator with an integrated high side and low side n-
channel MOSFET. To improve performance during line and load transients the device implements a constant
frequency, current mode control which reduces output capacitance and simplifies external frequency
compensation design.
The switching frequency of 100 kHz to 400 kHz allows for efficiency and size optimization when selecting the
output filter components. The switching frequency is adjusted using a resistor to ground on the RT/CLK pin. The
device has an internal phase lock loop (PLL) on the RT/CLK pin that is used to synchronize the power switch
turn on to a falling edge of an external system clock.
The TPS54062 has a default start up voltage of approximately 4.5V. The EN pin has an internal pull-up current
source that can be used to adjust the input voltage undervoltage lockout (UVLO) threshold with two external
resistors. In addition, the pull up current provides a default condition. When the EN pin is floating the device will
operate. The operating current is 89uA when not switching and under no load. When the device is disabled, the
supply current is 1.7µA.
The integrated 1.5
Ω high side MOSFET and 0.8Ω low side MOSFET allows for high efficiency power supply
designs capable of delivering 50 milliamperes of continuous current to a load.
The TPS54062 reduces the external component count by integrating the boot recharge diode. The bias voltage
for the integrated high side MOSFET is supplied by a capacitor on the BOOT to PH pin. The boot capacitor
voltage is monitored by an UVLO circuit and will turn the high side MOSFET off when the boot voltage falls
below a preset threshold. The TPS54062 can operate at high duty cycles because of the boot UVLO. The output
voltage can be stepped down to as low as the 0.8 V reference.
The TPS54062 has an internal output OV protection that disables the high side MOSFET if the output voltage is
109% of the nominal output voltage.
The TPS54062 reduces external component count by integrating the slow start time using a reference DAC
system.
The TPS54062 resets the slow start times during overload conditions with an overload recovery circuit. The
overload recovery circuit will slow start the output from the fault voltage to the nominal regulation voltage once a
fault condition is removed. A frequency foldback circuit reduces the switching frequency during startup and
overcurrent fault conditions to help control the inductor current.
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS54062


Similar Part No. - TPS54062_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54062 TI-TPS54062_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54062 4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS54062 TI1-TPS54062_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
More results

Similar Description - TPS54062_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54062 TI1-TPS54062 Datasheet
751Kb / 30P
[Old version datasheet]   4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
   60V, Low IQ Multiphase Synchronous Step-Down Converter
logo
Texas Instruments
TPS54061 TI1-TPS54061 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
logo
Linear Technology
LTC3891 LINER-LTC3891_15 Datasheet
680Kb / 32P
   Low IQ, 60V Synchronous Step-Down Controller
logo
Texas Instruments
TPS54362-Q1 TI1-TPS54362-Q1 Datasheet
920Kb / 35P
[Old version datasheet]   3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
OCTOBER2011
logo
Linear Technology
LTC7800 LINER-LTC7800 Datasheet
1Mb / 32P
   Low IQ, 60V, High Frequency Synchronous Step-Down Controller
logo
Diodes Incorporated
AP66300 DIODES-AP66300 Datasheet
2Mb / 25P
   3.8V TO 60V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2022
AP66200 DIODES-AP66200 Datasheet
2Mb / 26P
   3.8V TO 60V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
logo
Texas Instruments
TPS54062 TI1-TPS54062_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
logo
Maxim Integrated Produc...
MAX17551 MAXIM-MAX17551_V01 Datasheet
1Mb / 25P
   60V, 50mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com