Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


V-101-1C24-T Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part No. V-101-1C24-T
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 11 page
background image
11
V
Miniature Basic Switch
V
Terminals and Apperance (Unit: mm)
Note. The above is for the SPDT contact specifications. Two terminals will be available for SPST-NO or SPST-NC contact specifications. For terminal positions, refer
to Contact form on page 9.
Mounting Holes (Unit: mm)
Solder terminals (A)
Quick-connect terminals (#187) (C2)
Quick-connect terminals (#250) (C)
(5.5)
(6.5)
2.9
t=0.5
Three, solder terminals
(10)
(5.5)
(6.5)
2.9
t=0.5
Three, quick-connect terminals (#187)
(10)
(4.9)
(7.7)
3.2
t=0.8
Three, quick-connect terminals (#250)
(12.0)
4.75±0.1
1.6 dia.
2.4 dia.
6.35
3.2 *
* Indicates the length to the center
of the 1.6-dia. holes
4.75±0.1
1.6-dia. terminal hole
6.35
3.2
6.35±0.1
1.65-dia. terminal hole
8.1
3.95
10.3±0.1
Two, 3.1-dia. mounting holes or
M3 screw holes
22.2±0.1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl