Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

144880 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 144880
Description  TMC-S-15-EE-Euro-BA8
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

144880 Datasheet(HTML) 1 Page - ERNI Electronics

  144880 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
330
Verpackungseinheit: 125 Stück -
Verpackt in Gurtverpackung
-
Tape on Reel Packaging
Packaging unit: 125 pcs
Abspulrichtung -
Reel off Direction
prior notice.
contact one of the ERNI companies
Date
07.12.2011
f
Index
TMCS
TMC-S-15-EE-Euro-BA8
TMC-S-15-EE-Euro-BA8
144880
2:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
nut
Bolzen
tray
Tray
bolt
Bemerkung
remark
Mutter
without
ohne
Sonstige Angaben siehe Zeichnung 204656 /
additional indications according to drawing 204656
Ident-Nr.
part-no.
Gurt
tape on reel
Ident-Nr.
part-no.
174437
Ø
3,2
154178
#4-40
154177
M3
154176
#4-40
154175
M3
33,3 ±0,2
24,75 -0,2
39,3 -0,4
+0,2
Pin 1
28
Layoutvorschlag
recommended layout
0,05
B
Sonstige Angaben siehe Zeichnung 164062 /
additional indications according to drawing 164062
0,05 A
Pin 1
B
0,05
A
6 x 2,74 =
-0,06
+0,09
1
+0,04
-0,06
3
2,74
1,37
2,74
16,44
33,3 ±0,05
7 x 2,74 = 19,18
Mutter /
nut
Gewinde /
thread
M3 /
#4-40
Gewindetiefe /
depth of thread
1,65
ohne / without
LP /
PCB
10,7
7,9
7,6
Bolzen /
bolt
Gewindetiefe /
depth of thread
Gewinde /
thread
M3 /
#4-40
6
6,4
Fehlende Masse und Angaben siehe DIN 41652 /
Missing information and dimensions according to DIN 41652
Sonstige Angaben siehe Fertigungsunterlagen /
Additional indications according to production documentation
Anschlussbereich verzinnt
terminal area tin plating
Anforderungsstufe: 2
class: 2
tray packaging
packaging unit 24 pcs
Verpackungseinheit 24 Stück
Verpackt in Tray
Pin 1
Sonstige Angaben siehe Zeichnung 204630 /
additional indications according to drawing 204630
44
220
5 x 44 =
325 max.


Similar Part No. - 144880

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
144881 ERNI-144881 Datasheet
122Kb / 1P
   TMC-S-25-EE-Euro-BA8
144882 ERNI-144882 Datasheet
124Kb / 1P
   TMC-S-37-EE-Euro-BA8
144883 ERNI-144883 Datasheet
438Kb / 1P
   TMC P 9 EE EUROSTYLE
144884 ERNI-144884 Datasheet
476Kb / 1P
   TMC P 15 EE EUROSTYLE
144885 ERNI-144885 Datasheet
493Kb / 1P
   TMC P 25 EE EUROSTYLE
More results

Similar Description - 144880

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
224958 ERNI-224958 Datasheet
75Kb / 1P
   TMC-S-15-EE-SV-Euro-BA8-ZV
144881 ERNI-144881 Datasheet
122Kb / 1P
   TMC-S-25-EE-Euro-BA8
144882 ERNI-144882 Datasheet
124Kb / 1P
   TMC-S-37-EE-Euro-BA8
144879 ERNI-144879 Datasheet
119Kb / 1P
   TMC-S-09-EE-Euro-BA8
144864 ERNI-144864 Datasheet
119Kb / 1P
   TMC-S-15-THR-Euro-BA8
224950 ERNI-224950 Datasheet
75Kb / 1P
   TMC-P-15-EE-SV-Euro-BA8-ZV
144872 ERNI-144872 Datasheet
134Kb / 1P
   TMC-S-15-EE-Standard-BA8
100102230001 ERNI-100102230001 Datasheet
81Kb / 1P
   TMC-S-15-EE-Standard-BA8
224959 ERNI-224959 Datasheet
78Kb / 1P
   TMC-S-25-EE-SV-Euro-BA8-ZV
224960 ERNI-224960 Datasheet
78Kb / 1P
   TMC-S-37-EE-SV-Euro-BA8-ZV
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com