Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5323S8IZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # X5323S8IZ
Description  CPU Supervisor with 32kBit SPI EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5323S8IZ Datasheet(HTML) 5 Page - Intersil Corporation

  X5323S8IZ Datasheet HTML 1Page - Intersil Corporation X5323S8IZ Datasheet HTML 2Page - Intersil Corporation X5323S8IZ Datasheet HTML 3Page - Intersil Corporation X5323S8IZ Datasheet HTML 4Page - Intersil Corporation X5323S8IZ Datasheet HTML 5Page - Intersil Corporation X5323S8IZ Datasheet HTML 6Page - Intersil Corporation X5323S8IZ Datasheet HTML 7Page - Intersil Corporation X5323S8IZ Datasheet HTML 8Page - Intersil Corporation X5323S8IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN8131.2
June 30, 2008
Principles of Operation
Power-on Reset
Application of power to the X5323/X5325 activates a
power-on reset circuit. This circuit goes active at about 1V
and pulls the RESET/RESET pin active. This signal prevents
the system microprocessor from starting to operate with
insufficient voltage or prior to stabilization of the oscillator. As
long as RESET/RESET pin is active, the device will not
respond to any Read/Write instruction. When VCC exceeds
the device VTRIP value for 200ms (nominal) the circuit
releases RESET/RESET, allowing the processor to begin
executing code.
Low Voltage Monitoring
During operation, the X5323/X5325 monitors the VCC level
and asserts RESET/RESET if supply voltage falls below a
preset minimum VTRIP. The RESET/RESET signal prevents
the microprocessor from operating in a power fail or
brown-out condition. The RESET/RESET signal remains
active until the voltage drops below 1V. It also remains active
until VCC returns and exceeds VTRIP for 200ms.
Watchdog Timer
The watchdog timer circuit monitors the microprocessor
activity by monitoring the WDI input. The microprocessor must
toggle the CS/WDI pin periodically to prevent a
RESET/RESET signal. The CS/WDI pin must be toggled
from HIGH to LOW prior to the expiration of the watchdog
time out period. The state of two nonvolatile control bits in
the status register determine the watchdog timer period. The
microprocessor can change these watchdog bits, or they
may be “locked” by tying the WP pin LOW and setting the
WPEN bit HIGH.
VCC Threshold Reset Procedure
The X5323/X5325 has a standard VCC threshold (VTRIP)
voltage. This value will not change over normal operating
and storage conditions. However, in applications where the
standard VTRIP is not exactly right, or for higher precision in
the VTRIP value, the X5323/X5325 threshold may be
adjusted.
Setting the VTRIP Voltage
This procedure sets the VTRIP to a higher voltage value. For
example, if the current VTRIP is 4.4V and the new VTRIP is
4.6V, this procedure directly makes the change. If the new
setting is lower than the current setting, then it is necessary
to reset the trip point before setting the new value.
To set the new VTRIP voltage, apply the desired VTRIP
threshold to the VCC pin and tie the CS/WDI pin and the WP
pin HIGH. RESET/RESET and SO pins are left
unconnected. Then apply the programming voltage VP to
both SCK and SI and pulse CS/WDI LOW then HIGH.
Remove VP and the sequence is complete.
Resetting the VTRIP Voltage
This procedure sets the VTRIP to a “native” voltage level. For
example, if the current VTRIP is 4.4V and the VTRIP is reset,
the new VTRIP is something less than 1.7V. This procedure
must be used to set the voltage to a lower value.
To reset the VTRIP voltage, apply a voltage between 2.7V
and 5.5V to the VCC pin. Tie the CS/WDI pin, the WP pin,
and the SCK pin HIGH. RESET/RESET and SO pins are left
unconnected. Then apply the programming voltage VP to the
SI pin ONLY and pulse CS/WDI LOW then HIGH. Remove
VP and the sequence is complete.
SCK
SI
VP
VP
CS
FIGURE 1. SET VTRIP VOLTAGE
SCK
SI
VCC
VP
CS
FIGURE 2. RESET VTRIP VOLTAGE
X5323, X5325


Similar Part No. - X5323S8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5323S8IZ INTERSIL-X5323S8IZ Datasheet
360Kb / 21P
   CPU Supervisor with 32Kb SPI EEPROM
logo
Renesas Technology Corp
X5323S8IZ RENESAS-X5323S8IZ Datasheet
802Kb / 19P
   CPU Supervisor with 32kBit SPI EEPROM
logo
Intersil Corporation
X5323S8IZ-2.7 INTERSIL-X5323S8IZ-2.7 Datasheet
360Kb / 21P
   CPU Supervisor with 32Kb SPI EEPROM
logo
Renesas Technology Corp
X5323S8IZ-2.7 RENESAS-X5323S8IZ-2.7 Datasheet
802Kb / 19P
   CPU Supervisor with 32kBit SPI EEPROM
logo
Intersil Corporation
X5323S8IZ-2.7A INTERSIL-X5323S8IZ-2.7A Datasheet
360Kb / 21P
   CPU Supervisor with 32Kb SPI EEPROM
More results

Similar Description - X5323S8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5328 INTERSIL-X5328 Datasheet
340Kb / 21P
   CPU Supervisor with 32Kbit SPI EEPROM
logo
Renesas Technology Corp
X5323 RENESAS-X5323 Datasheet
802Kb / 19P
   CPU Supervisor with 32kBit SPI EEPROM
X5328 RENESAS-X5328 Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
   CPU Supervisor with 64Kbit SPI EEPROM
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5083 XICOR-X5083 Datasheet
115Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com