Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTHA-MTB0-6MM Datasheet(PDF) 1 Page - Ralston Instruments.

Part # QTHA-MTB0-6MM
Description  6 mm tube fitting x male Quick-test, no check-valve, brass
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

QTHA-MTB0-6MM Datasheet(HTML) 1 Page - Ralston Instruments.

  QTHA-MTB0-6MM Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
QTHA-MTB0-6mm
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
QTHA-MTB0-6mm
6 mm tube fitting x male Quick-test, no check-valve, brass
Make a bubble-tight connection to any
Swagelok, Parker, Hoke, SSP, Tylok or
equivalent tube fitting without a wrench
Features
• An excellent solution for connecting to tube fittings for
pressure calibration, gas sampling, pressure reading and
testing
• A unique design that seals on an o-ring to prevent damage to
a tube fitting
• Make and remake hundreds of times without over-tightening
a tube fitting
• Made in USA
Specifications
Pressure Range
0 to 5000 psi (0 to 345 bar)
End C1
6 mm Tube Fitting
End C2
Male Quick-test
Has Check Valve
No
Temperature range
0 to 225 °F (-18 to 107 °C)
Construction
Brass
Seal materials
Buna-N
Dimensions A
1.47 in (3.73 cm)
Dimensions B
0.55 in (1.40 cm)


Similar Part No. - QTHA-MTB0-6MM

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-MTB0-6MM RALSTON-QTHA-MTB0-6MM Datasheet
662Kb / 1P
   Brass
QTHA-MTB0-6MM RALSTON-QTHA-MTB0-6MM_19 Datasheet
662Kb / 1P
   Brass
More results

Similar Description - QTHA-MTB0-6MM

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-MTB0-10MM RALSTON-QTHA-MTB0-10MM_19 Datasheet
348Kb / 1P
   10 mm tube fitting x male Quick-test, no check-valve, brass
QTHA-MTB0-10MM RALSTON-QTHA-MTB0-10MM Datasheet
385Kb / 1P
   10 mm tube fitting x male Quick-test, no check-valve, brass
QTHA-3TB0 RALSTON-QTHA-3TB0 Datasheet
385Kb / 1P
   3/8 tube fitting x male Quick-test, no check-valve, brass
QTHA-2TB0 RALSTON-QTHA-2TB0 Datasheet
380Kb / 1P
   1/4 tube fitting x male Quick-test, no check-valve, brass
QTHA-4TB0 RALSTON-QTHA-4TB0 Datasheet
415Kb / 1P
   1/2 tube fitting x male Quick-test, no check-valve, brass
QTHA-4TS0 RALSTON-QTHA-4TS0 Datasheet
626Kb / 1P
   1/2 tube fitting x male Quick-test, no check-valve, S.S.
QTHA-2TS0 RALSTON-QTHA-2TS0 Datasheet
556Kb / 1P
   1/4 tube fitting x male Quick-test, no check-valve, S.S.
QTHA-3TS0 RALSTON-QTHA-3TS0 Datasheet
620Kb / 1P
   3/8 tube fitting x male Quick-test, no check-valve, S.S.
QTHA-4MB0 RALSTON-QTHA-4MB0 Datasheet
333Kb / 1P
   1/2 male NPT x male Quick-test, no check-valve, brass
QTHA-3MB0 RALSTON-QTHA-3MB0 Datasheet
333Kb / 1P
   3/8 male NPT x male Quick-test, no check-valve, brass
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com