Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25KNWW7B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 25KNWW7B
Description  General Purpose and Precision Wirewound Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

25KNWW7B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  25KNWW7B Datasheet HTML 1Page - List of Unclassifed Manufacturers 25KNWW7B Datasheet HTML 2Page - List of Unclassifed Manufacturers 25KNWW7B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev Date: 08/07/2014
3
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
WW/MWW/NWW Series
General Purpose and Precision Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
W
W
1
F
T
1
K
0
0
0
300
350
400
Ambient Temperature (ºC)
350ºC
-60
0
50
100
150
200
250
100
-55ºC
80
60
40
20
100ºC
WW
Quantity
WWS
0.5 W
MWW
1.1 W
NWW
1.3 W
2.1 W
2.6 W
2.6 W
3.2 W
3.2 W
3.4 W
4.3 W
4.3 W
5.1 W
5.1 W
7.2 W
7.2 W
7.7 W
11.0 W
11.0 W
1.3 W
3.2 W
5.5 W
11.0 W
WW3 / NWW3
WWS3 / NWWS3
WW5 / NWW5
WWS5 / NWWS5
WW7B / NWW7B
6.5W
2.5W
6.5W
7W
2.5W
4W
4W
5W
5W
3W
MWW5 / NMWW5
WW7 / NWW7
WWS7 / NWWS7
MWW10 / NMWW10
WW10 / NWW10
WWS10 / NWWS10
MWW1 / NMWW1
MWW3 / NMWW3
WWS4 / NWWS4
Mini
Non-Inductive
Non-Inductive
NWWS
WW3A / NWW3A
WW4 / NWW4
10 Kohm = 10K0
Four characters
with the multiplier
used as the
decimal holder.
0.5%
1%
Tol
0.1%
T
2,500
WW12 / NWW12
WW12 / NWW12
WW1 / NWW1
WW2 / NWW2
WWS2 / NWWS2
WW1A / NWW1A
0.5 ohm = R500
J
Type/Code
Standard
5%
MWW10 / NMWW10
WW10 / NWW10
WW2 / NWW2
WWS3 / NWWS3
WW2A / NWW2A
WW3 / NWW3
WWS7 / NWWS7
WW7 / NWW7
WWS10 / NWWS10
11" Tape
and Reel
MWW3 / NMWW3
WW1 / NWW1
WWS2 / NWWS2
WW1A / NWW1A
MWW1 / NMWW1
500
250
WW7B / NWW7B
MWW5 / NMWW5
Product Series
Description
Size
Resistance Value
Tolerance
Code
Packaging
Mini
Molded
10W
1W
3W
5W
10W
WWS4 / NWWS4
WW2A / NWW2A
10W
WW3A / NWW3A
WW4 / NWW4
WWS5 / NWWS5
WW5 / NWW5
1 ohm = 1R00
Power Rating
@ 70ºC
2,000
3W
3W
@ 125ºC
0.4W
1W
1W
1.5W
Code
B
D
F
Power Derating Curve:
How to Order


Similar Part No. - 25KNWW7B

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
25K SHUNYE-25K Datasheet
189Kb / 2P
   SOZA CELL
logo
Stackpole Electronics, ...
25K14050 SEI-25K14050 Datasheet
969Kb / 5P
   Automotive Leaded Varistor
08/14/2019
25K20100 SEI-25K20100 Datasheet
969Kb / 5P
   Automotive Leaded Varistor
08/14/2019
logo
Ruilongyuan Electronics...
25K330K RUILON-25K330K Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
25K330K LEIDITECH-25K330K Datasheet
802Kb / 4P
   Metal Oxide Varistors
More results

Similar Description - 25KNWW7B

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
MWW SEI-MWW Datasheet
460Kb / 7P
   General Purpose and Precision Wirewound Resistor
11/29/2021
WW1FT1K00 SEI-WW1FT1K00 Datasheet
373Kb / 7P
   WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor
11/29/2021
WWF SEI-WWF Datasheet
217Kb / 4P
   General Purpose Fusing Wirewound Resistor
11/23/2020
logo
IRC - a TT electronics ...
SPH1505LF IRCTT-SPH1505LF Datasheet
563Kb / 2P
   GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SP-201505LF IRCTT-SP-201505LF_08 Datasheet
246Kb / 3P
   General Purpose Failsafe Molded Wirewound Resistor
SP-201505LF IRCTT-SP-201505LF Datasheet
540Kb / 2P
   GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SPH1500JLF IRCTT-SPH1500JLF Datasheet
245Kb / 3P
   General Purpose Failsafe Molded Wirewound Resistor
PWR101202JLF IRCTT-PWR101202JLF Datasheet
141Kb / 2P
   General Purpose Stand-Up Power Wirewound Resistor
AS-321R0JLF IRCTT-AS-321R0JLF Datasheet
182Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
List of Unclassifed Man...
AS-327R0 ETC1-AS-327R0 Datasheet
103Kb / 2P
   SEMI-PRECISION POWER WIREWOUND RESISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com