Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-D5CC-881M50-D1C8-Q Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FAR-D5CC-881M50-D1C8-Q
Description  SAW Duplexer (700 to 1000 MHz)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-D5CC-881M50-D1C8-Q Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FAR-D5CC-881M50-D1C8-Q Datasheet HTML 1Page - Fujitsu Component Limited. FAR-D5CC-881M50-D1C8-Q Datasheet HTML 2Page - Fujitsu Component Limited. FAR-D5CC-881M50-D1C8-Q Datasheet HTML 3Page - Fujitsu Component Limited. FAR-D5CC-881M50-D1C8-Q Datasheet HTML 4Page - Fujitsu Component Limited. FAR-D5CC-881M50-D1C8-Q Datasheet HTML 5Page - Fujitsu Component Limited. FAR-D5CC-881M50-D1C8-Q Datasheet HTML 6Page - Fujitsu Component Limited. FAR-D5CC-881M50-D1C8-Q Datasheet HTML 7Page - Fujitsu Component Limited. FAR-D5CC-881M50-D1C8-Q Datasheet HTML 8Page - Fujitsu Component Limited. FAR-D5CC-881M50-D1C8-Q Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
D5CC Series (D1)
2
s
s
s
s PIN ASSIGNMENT
(TOP VIEW)
(BOTTOM VIEW)
F
C8
01
B
11
12
13
14
15
7
6
5
10
9
8
1
16
2
3
4
1
16
15
14
13
5
6
7
2
3
4
11
12
10
9
8


Similar Part No. - FAR-D5CC-881M50-D1C8-Q

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-D5GA-881M50-D1AA FUJITSU-FAR-D5GA-881M50-D1AA Datasheet
326Kb / 11P
   Cellular SAW Duplexer
FAR-D5GD-942M50-D1DF FUJITSU-FAR-D5GD-942M50-D1DF Datasheet
234Kb / 10P
   WCDMA Band VIII Duplexer (Rx balanced)
FAR-D5GK-942M50-D1KF FUJITSU-FAR-D5GK-942M50-D1KF Datasheet
212Kb / 9P
   900MHz WCDMA Duplexer (Rx Single-ended)
logo
Taiyo Yuden (U.S.A.), I...
FAR-D5NE-740M0-P1C9 TAIYO-YUDEN-FAR-D5NE-740M0-P1C9 Datasheet
959Kb / 12P
   Please read this notice before using the TAIYO YUDEN products
FAR-D5NE-740M00-P1C9 TAIYO-YUDEN-FAR-D5NE-740M00-P1C9 Datasheet
386Kb / 12P
   SAW Duplexer
More results

Similar Description - FAR-D5CC-881M50-D1C8-Q

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9041BB OKI-MBF9041BB Datasheet
84Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
logo
Fujitsu Component Limit...
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
logo
Analog Devices
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
   700 MHz to 1000 MHz
REV. 0
logo
Mini-Circuits
JSPHS-1000 MINI-JSPHS-1000 Datasheet
73Kb / 1P
   180짰Voltage Variable, 700 to 1000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com