Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V-162-3C6 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # V-162-3C6
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V-162-3C6 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button V-162-3C6 Datasheet HTML 5Page - List of Unclassifed Manufacturers V-162-3C6 Datasheet HTML 6Page - List of Unclassifed Manufacturers V-162-3C6 Datasheet HTML 7Page - List of Unclassifed Manufacturers V-162-3C6 Datasheet HTML 8Page - List of Unclassifed Manufacturers V-162-3C6 Datasheet HTML 9Page - List of Unclassifed Manufacturers V-162-3C6 Datasheet HTML 10Page - List of Unclassifed Manufacturers V-162-3C6 Datasheet HTML 11Page - List of Unclassifed Manufacturers V-162-3C6 Datasheet HTML 12Page - List of Unclassifed Manufacturers V-162-3C6 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
V
Miniature Basic Switch
V
Contact form
Ratings
15A
10A
Heat-resistive
Actuator
Terminals
Contact form
Maximum operating force (OF)
15A
10A
Hinge roller lever
Solder terminals
(A)
SPDT
2.45N
V-156-1A6
---
V-156-1A6-T
---
SPST-NC
V-156-2A6
---
---
---
SPST-NO
V-156-3A6
---
---
---
SPDT
1.23N
V-156-1A5
V-106-1A5
V-156-1A5-T
V-106-1A5-T
SPST-NC
V-156-2A5
V-106-2A5
---
---
SPST-NO
V-156-3A5
V-106-3A5
---
---
SPDT
0.59N
---
V-106-1A4
---
V-106-1A4-T
SPST-NC
---
V-106-2A4
---
---
SPST-NO
---
V-106-3A4
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
2.45N
V-156-1C26
---
V-156-1C26-T
---
SPST-NC
V-156-2C26
---
---
---
SPST-NO
V-156-3C26
---
---
---
SPDT
1.23N
V-156-1C25
V-106-1C25
V-156-1C25-T
V-106-1C25-T
SPST-NC
V-156-2C25
V-106-2C25
---
---
SPST-NO
V-156-3C25
V-106-3C25
---
---
SPDT
0.59N
---
V-106-1C24
---
V-106-1C24-T
SPST-NC
---
V-106-2C24
---
---
SPST-NO
---
V-106-3C24
---
---
Quick-connect
terminals (#250)
(C)
SPDT
2.45N
V-156-1C6
---
V-156-1C6-T
---
SPST-NC
V-156-2C6
---
---
---
SPST-NO
V-156-3C6
---
---
---
SPDT
1.23N
V-156-1C5
V-106-1C5
V-156-1C5-T
V-106-1C5-T
SPST-NC
V-156-2C5
V-106-2C5
---
---
SPST-NO
V-156-3C5
V-106-3C5
---
---
SPDT
0.59N
---
V-106-1C4
---
V-106-1C4-T
SPST-NC
---
V-106-2C4
---
---
SPST-NO
---
V-106-3C4
---
---
SPDT
SPST-NC
SPST-NO
COM
NC
NO
COM
NC
COM
NO
Refer to "Micro Switch Common Accessories" for Separators (sold separately), Actuators (sold separately) and Terminal
Connectors (sold separately).


Similar Part No. - V-162-3C6

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-162-3C6 OMRON-V-162-3C6 Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
V-162-3C6 OMRON-V-162-3C6 Datasheet
449Kb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
More results

Similar Description - V-162-3C6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com