Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WR08 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WR08
Description  Thick Film General Purpose Chip Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WR08 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  WR08 Datasheet HTML 1Page - List of Unclassifed Manufacturers WR08 Datasheet HTML 2Page - List of Unclassifed Manufacturers WR08 Datasheet HTML 3Page - List of Unclassifed Manufacturers WR08 Datasheet HTML 4Page - List of Unclassifed Manufacturers WR08 Datasheet HTML 5Page - List of Unclassifed Manufacturers WR08 Datasheet HTML 6Page - List of Unclassifed Manufacturers WR08 Datasheet HTML 7Page - List of Unclassifed Manufacturers WR08 Datasheet HTML 8Page - List of Unclassifed Manufacturers WR08 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Approval sheet
Page 7 of 9
ASC_WR_V21
Mar.- 2012
TEST AND REQUIREMENTS
Essentially all tests are carried out according to the schedule of IEC publication 115-8, category
LCT/UCT/56(rated temperature range : Lower Category Temperature, Upper Category Temperature; damp
heat, long term, 56 days). The testing also meets the requirements specified by EIA, EIAJ and JIS.
The tests are carried out in accordance with IEC publication 68, "Recommended basic climatic and mechanical
robustness testing procedure for electronic components" and under standard atmospheric conditions according
to IEC 60068-1, subclause 5.3. Unless otherwise specified, the following value supplied :
Temperature: 15°C to 35°C.
Relative humidity: 45% to 75%.
Air pressure: 86kPa to 106 kPa (860 mbar to 1060 mbar).
All soldering tests are performed with midly activated flux.
REQUIREMENT
TEST
PROCEDURE / TEST METHOD
Resistor
0
Electrical
Characteristics
JISC5201-1: 1998
Clause 4.8
- DC resistance values measurement
- Temperature Coefficient of Resistance (T.C.R)
Natural resistance change per change in degree centigrade.
(
)
6
1
2
1
1
2
10
×
t
t
R
R
R
(ppm/
°C) t1 : 20°C+5°C-1°C
R1 : Resistance at reference temperature (20°C+5°C/-1 °C)
R2 : Resistance at test temperature (-55°C or +155°C)
Within the specified tolerance
Refer to “QUICK REFERENCE
DATA”
<50m
Resistance to
soldering heat(R.S.H)
JISC5201-1:1998
Clause 4.18
Un-mounted chips completely immersed for 10±1second in a SAC
solder bath at 260℃±5ºC
±5%:∆R/Rmax.±(1%+0.05Ω)
±1%:∆R/Rmax.±(0.5%+0.05Ω)
no visible damage
<50m
Solderability
JISC5201-1: 1998
Clause 4.17
Un-mounted chips completely immersed for 2±0.5 second in a SAC
solder bath at 235℃±5℃
95% coverage min., good tinning and no
visible damage
Temperature cycling
JISC5201-1: 1998
Clause 4.19
30 minutes at -55
°C±3°C, 2~3 minutes at 20°C+5°C-1°C, 30 minutes at
+155
°C±3°C, 2~3 minutes at 20°C+5°C-1°C, total 5 continuous cycles
±5%: ∆R/R max. ±(1%+0.05Ω)
±1%:∆R/Rmax.±(0.5%+0.05Ω)
No visible damage
<50m
High Temperature
Exposure
MIL-STD-202
method 108
1000+48/-0 hours; without load in a temperature chamber
controlled 155
±3°C
±5%:∆R/Rmax.±(2%+0.1Ω)
±1%:∆R/Rmax.±(1%+0.1Ω)
No visible damage
<50m
Bending strength
JISC5201-1: 1998
Clause 4.33
Resistors mounted on a 90mm glass epoxy resin PCB(FR4), bending
once 3mm for 10sec, 5mm for WR04
±5%:∆R/Rmax.±(1%+0.05Ω)
±1%:∆R/Rmax.±(1%+0.05Ω)
No visual damaged
<50m
Adhesion
JISC5201-1: 1998
Clause 4.32
Pressurizing force: 5N, Test time: 10±1sec.
No remarkable damage or removal of the
terminations
Short Time Overload
(STOL)
JISC5201-1: 1998
Clause 4.13
2.5 times RCWV or max. overload voltage, for 5seconds
±5%: ∆R/R max. ±(2%+0.05Ω)
±1%: ∆R/R max. ±(1%+0.05Ω)
No visible damage
<50m


Similar Part No. - WR08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WR08 ETC2-WR08 Datasheet
259Kb / 9P
   Thick Film General Purpose Chip Resistors
WR08 ETC2-WR08 Datasheet
242Kb / 10P
   Thick Film General Purpose Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR08W000_FAL WALSIN-WR08W000_FAL Datasheet
531Kb / 10P
   Thick Film General Purpose Chip Resistors
WR08W000_FBL WALSIN-WR08W000_FBL Datasheet
531Kb / 10P
   Thick Film General Purpose Chip Resistors
WR08W000_FDL WALSIN-WR08W000_FDL Datasheet
531Kb / 10P
   Thick Film General Purpose Chip Resistors
More results

Similar Description - WR08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WR06X1001FTL ETC2-WR06X1001FTL Datasheet
242Kb / 10P
   Thick Film General Purpose Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR01X WALSIN-WR01X Datasheet
439Kb / 8P
   Thick Film General Purpose chip resistors
logo
List of Unclassifed Man...
WR08X1004FTL ETC2-WR08X1004FTL Datasheet
259Kb / 9P
   Thick Film General Purpose Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR02X WALSIN-WR02X Datasheet
230Kb / 7P
   Thick Film General purpose chip resistors
WR12 WALSIN-WR12 Datasheet
531Kb / 10P
   Thick Film General Purpose Chip Resistors
WR10X WALSIN-WR10X Datasheet
239Kb / 8P
   Thick film Technology General purpose chip resistors
logo
Samsung semiconductor
RC1005F10R0CS SAMSUNG-RC1005F10R0CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC1005F4320CS SAMSUNG-RC1005F4320CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC2012F6651CS SAMSUNG-RC2012F6651CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC2012F49R9CS SAMSUNG-RC2012F49R9CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com