Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WR08X562 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # WR08X562
Description  Thick Film General Purpose Chip Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WR08X562 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  WR08X562 Datasheet HTML 1Page - List of Unclassifed Manufacturers WR08X562 Datasheet HTML 2Page - List of Unclassifed Manufacturers WR08X562 Datasheet HTML 3Page - List of Unclassifed Manufacturers WR08X562 Datasheet HTML 4Page - List of Unclassifed Manufacturers WR08X562 Datasheet HTML 5Page - List of Unclassifed Manufacturers WR08X562 Datasheet HTML 6Page - List of Unclassifed Manufacturers WR08X562 Datasheet HTML 7Page - List of Unclassifed Manufacturers WR08X562 Datasheet HTML 8Page - List of Unclassifed Manufacturers WR08X562 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Approval sheet
Page 9 of 9
ASC_WR_V21
Mar.- 2012
PACKAGING
Paper Tape specifications (unit :mm)
Series No.
A
B
W
F
E
WR12
3.60±0.20
2.00±0.20
WR08
2.40±0.20
1.65±0.20
WR06
1.90±0.20
1.10±0.20
WR04
1.20±0.10
0.70±0.10
8.00±0.30
3.50±0.20
1.75±0.10
Series No.
P1
P0
ΦD
T
WR12 / WR08
Max. 1.0
WR06
4.00±0.10
0.65±0.05
WR04
2.00±0.10
4.00±0.10
1
.
0
0
.
0
50
.
1
+
Φ
0.40±0.05
7” Reel dimensions
Symbol
A
B
C
D
(unit : mm)
Φ178.0±2.0
Φ60.0±1.0
13.0±0.2
9.0±0.5


Similar Part No. - WR08X562

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WR08X000_FAL WALSIN-WR08X000_FAL Datasheet
531Kb / 10P
   Thick Film General Purpose Chip Resistors
WR08X000_FBL WALSIN-WR08X000_FBL Datasheet
531Kb / 10P
   Thick Film General Purpose Chip Resistors
WR08X000_FDL WALSIN-WR08X000_FDL Datasheet
531Kb / 10P
   Thick Film General Purpose Chip Resistors
WR08X000_FDLV WALSIN-WR08X000_FDLV Datasheet
264Kb / 9P
   General purpose chip resistors
WR08X000_FGL WALSIN-WR08X000_FGL Datasheet
531Kb / 10P
   Thick Film General Purpose Chip Resistors
More results

Similar Description - WR08X562

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WR06X1001FTL ETC2-WR06X1001FTL Datasheet
242Kb / 10P
   Thick Film General Purpose Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR01X WALSIN-WR01X Datasheet
439Kb / 8P
   Thick Film General Purpose chip resistors
logo
List of Unclassifed Man...
WR08X1004FTL ETC2-WR08X1004FTL Datasheet
259Kb / 9P
   Thick Film General Purpose Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR02X WALSIN-WR02X Datasheet
230Kb / 7P
   Thick Film General purpose chip resistors
WR12 WALSIN-WR12 Datasheet
531Kb / 10P
   Thick Film General Purpose Chip Resistors
WR10X WALSIN-WR10X Datasheet
239Kb / 8P
   Thick film Technology General purpose chip resistors
logo
Samsung semiconductor
RC1005F10R0CS SAMSUNG-RC1005F10R0CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC1005F4320CS SAMSUNG-RC1005F4320CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC2012F6651CS SAMSUNG-RC2012F6651CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC2012F49R9CS SAMSUNG-RC2012F49R9CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com