Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTMA080205312H2 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # BTMA080205312H2
Description  Bi-directional Integrated TAP Monitor Arrays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

BTMA080205312H2 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  BTMA080205312H2 Datasheet HTML 1Page - OPLINK Communications Inc. BTMA080205312H2 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S0135 - R02. (web) 20130520
Bi-directional Integrated TAP
Monitor Arrays
BTMA Series
Oplink’s Bi-directional Integrated Tap Monitor Array (BTMA) is assembled using individual Bi-
directional Integrated Tap Monitor (BTMS) to guarantee no optical or electrical cross-talk
among different channels. BTMS is a hybrid component that integrates a flat spectral response
of a thin-film tap with a high sensitivity PIN photodiode for power monitoring applications.The
Bi-directional feature allows power monitoring from input or output ports. BTMA minimizes
component assembly costs and module footprint while increasing module design efficiency by
facilitating fiber management.
Each BTMS in the BTMA integrates the functionality of an optical tap and a photodiode while
delivering low insertion loss and low dark current with high temperature stability over a wide
wavelength range. BTMA is compact and easy to mount on PCB board for module and net-
work system use. Applications include DWDM channel power monitoring, optical network
switching/protection monitoring, re-configurable optical add/drop multiplexers, and gain/at-
tenuation monitoring in amplifier systems.
Oplink can provide customized designs to meet specialized feature applications. Also, Oplink
offers modular assemblies that integrate other components to form a full function module or
subsystem.
Flat and Broad Operating Wavelength
Range
Low Insertion Loss and PDL
Low Dark Current
Various Tap Ratio Available
High Temperature Stability with
Hermetically Sealed Photodiode
Monitor Optical Signal from Input or
Output
Add/Drop and Optical Protection
Monitoring
DWDM/CWDM Systems
Product Description
Features
Applications
Performance Specificationns
Parameters
Specification
Unit
Operating Wavelength Range
1260 ~ 1360 1510~1610
nm
Through
Insertion Loss (@λop, Top, All SOP, Exclude
Connectors)
2%
≤ 0.4
dB
5%
≤ 0.6
10%
≤ 0.9
Polarization Dependent Loss
≤ 0.1
dB
Return Loss (exclude connector)
≥ 45
dB
Tapped
Monitoring
Responsivity (Relative to Nominal
Power at Input Port)
2%
10 ~ 23
14 ~ 26
mA/W
5%
26 ~ 59
36 ~ 65
10%
52 ~ 110
70 ~ 120
Responsivity Polarization Dependence
≤ 0.1
dB
Uniformity 1
≤ 0.5
dB
PD
PD Dark Current (@ 70°C, -5V bias)
≤ 10
nA
Bandwidth (50 ohm, 5V, -3dB)
≥ 0.5
GHz
Reverse Voltage
≤ 20
V
Forward Current
≤ 5
mA
Conditions
Input Optical Power
2%
≤ 21
dBm
5%
≤ 16
10%
≤12
Operating Temperature Range (<85%RH,Non-condensing)
-0
+70
°C
Storage Temperature Range (<85%RH, Non-condensing)
-40
+85
°C
Fiber Type
SMF-28
Notes:
1)
Directivity is defined as -10 log(ℜ
Out→PD / ℜIn→PD)
where ℜ stands for responsivity.
Functional Diagram
Input
Output
PD


Similar Part No. - BTMA080205312H2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
BTMA-S0135 OPLINK-BTMA-S0135 Datasheet
181Kb / 2P
   Bi-directional Integrated TAP Monitor Arrays
More results

Similar Description - BTMA080205312H2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
BTMA-S0135 OPLINK-BTMA-S0135 Datasheet
181Kb / 2P
   Bi-directional Integrated TAP Monitor Arrays
ITMA OPLINK-ITMA Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
ITMA080520E2111G OPLINK-ITMA080520E2111G Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
ITMA-S0017 OPLINK-ITMA-S0017 Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
BTMS-S0003 OPLINK-BTMS-S0003 Datasheet
351Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
BTMSD02050011H OPLINK-BTMSD02050011H Datasheet
315Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
IWMA4121000511 OPLINK-IWMA4121000511 Datasheet
219Kb / 2P
   Integrated WDM Monitor Arrays
UTMA-S0073 OPLINK-UTMA-S0073 Datasheet
220Kb / 2P
   Unidirectional Integrated TAP Monitor Array
UTMA080520E2111G OPLINK-UTMA080520E2111G Datasheet
220Kb / 2P
   Unidirectional Integrated TAP Monitor Array
UTMA OPLINK-UTMA Datasheet
220Kb / 2P
   Unidirectional Integrated TAP Monitor Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com