Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-C3CN-06000-G11-R Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FAR-C3CN-06000-G11-R
Description  Piezoelectric Resonator (4 to 20 MHz)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-C3CN-06000-G11-R Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  FAR-C3CN-06000-G11-R Datasheet HTML 1Page - Fujitsu Component Limited. FAR-C3CN-06000-G11-R Datasheet HTML 2Page - Fujitsu Component Limited. FAR-C3CN-06000-G11-R Datasheet HTML 3Page - Fujitsu Component Limited. FAR-C3CN-06000-G11-R Datasheet HTML 4Page - Fujitsu Component Limited. FAR-C3CN-06000-G11-R Datasheet HTML 5Page - Fujitsu Component Limited. FAR-C3CN-06000-G11-R Datasheet HTML 6Page - Fujitsu Component Limited. FAR-C3CN-06000-G11-R Datasheet HTML 7Page - Fujitsu Component Limited. FAR-C3CN-06000-G11-R Datasheet HTML 8Page - Fujitsu Component Limited. FAR-C3CN-06000-G11-R Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FAR Family (C3 series M/N type)
s MARKING
Data code (EIAJ standard) is specified as follows in four-year cycle.
Year
Month
Mark
Year
Month
Mark
Year
Month
Mark
Year
Month
Mark
1997
2001
1A
1998
2002
1N
1999
2003
1a
2000
2004
1n
2B
2P
2
b
2
3C
3
Q
3
c
3
4D
4R
4
d
4
r
5F
5
S
5
e
5
6
G
6
T
6f
6t
7H
7U
7
g
7
u
8I
8
V
8
8
9J
9
W
9
j
9
10
K
10
X
10
10
11
L
11
Y
11
11
12
M12
Z
12
m12
F 12.0 F n
Fujitsu logo
Frequency (MHz)
Lot No. (Date of manufacture, conforms to EIAJ)
10 pF
20 pF
Capacitor
Yellow
White
Marking color
Note: The stamp varies in color according to the built-in capacitator.


Similar Part No. - FAR-C3CN-06000-G11-R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
   Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CG FUJITSU-FAR-C4CG Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M FUJITSU-FAR-C4CG-0800-M Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M02 FUJITSU-FAR-C4CG-0800-M02 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M05 FUJITSU-FAR-C4CG-0800-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
More results

Similar Description - FAR-C3CN-06000-G11-R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
   Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CN FUJITSU-FAR-C4CN Datasheet
61Kb / 9P
   Piezoelectric Resonator (4 to 23.9 MHz)
FAR-C4CL FUJITSU-FAR-C4CL Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CG-08000-M05 FUJITSU-FAR-C4CG-08000-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
   Piezoelectric Resonator
FAR-M2DB FUJITSU-FAR-M2DB Datasheet
65Kb / 8P
   Piezoelectric VCO (4 to 30 MHz)
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com