Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNB28N04-E Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNB28N04-E
Description  OMNIFET FULLY AUTOPROTECTED POWER MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNB28N04-E Datasheet(HTML) 3 Page - STMicroelectronics

  VNB28N04-E Datasheet HTML 1Page - STMicroelectronics VNB28N04-E Datasheet HTML 2Page - STMicroelectronics VNB28N04-E Datasheet HTML 3Page - STMicroelectronics VNB28N04-E Datasheet HTML 4Page - STMicroelectronics VNB28N04-E Datasheet HTML 5Page - STMicroelectronics VNB28N04-E Datasheet HTML 6Page - STMicroelectronics VNB28N04-E Datasheet HTML 7Page - STMicroelectronics VNB28N04-E Datasheet HTML 8Page - STMicroelectronics VNB28N04-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ELECTRICAL CHARACTERISTICS (continued)
DYNAMIC
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
gfs (
∗)Forward
Transconductance
VDS =13 V
ID =14 A
9
18
S
Coss
Output Capacit ance
VDS = 13V
f = 1MHz
Vin = 0
700
1100
pF
SWITCHING (**)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall T ime
VDD =15 V
Id =14 A
Vgen =10 V
Rgen =10
(see f igure 3)
100
330
400
155
300
800
900
400
ns
ns
ns
ns
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall T ime
VDD =15 V
Id =14 A
Vgen =10 V
Rgen = 1000
(see f igure 3)
450
1.7
7.5
3.4
900
4
25
10
ns
µs
µs
µs
(di/ dt)on
Turn-on Current Slope
VDD =15 V
ID =14 A
Vin =10 V
Rgen =10
35
A/
µs
Qi
Total Input Charge
VDD =12 V
ID =10 A
Vin = 10 V
60
nC
SOURCE DRAIN DIODE
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VSD (
∗)Forward On Voltage
ISD =14 A
Vin =0
2
V
trr (
∗∗)
Qrr (
∗∗)
IRRM (
∗∗)
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 14 A
di/dt = 100 A/
µs
VDD =30 V
Tj =25
oC
(see t est circuit, figure 5)
180
0. 45
7
ns
µC
A
PROTECTION
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
Ilim
Drain Current Limit
Vin =10 V
VDS =13 V
Vin =5 V
VDS =13 V
19
19
28
28
41
41
A
A
tdlim (
∗∗) Step Response
Current Limit
Vin =10 V
Vin =5 V
25
70
40
120
µs
µs
Tjsh (
∗∗) Overtemperature
Shutdown
150
oC
Tjrs (
∗∗) Overtemperature Reset
135
oC
Igf (
∗∗)
Fault Sink Current
Vin =10 V
VDS =13 V
Vin =5 V
VDS =13 V
50
20
mA
mA
Eas (
∗∗) Single Pulse
Avalanche Energy
st arting Tj =25
oCVDD =20 V
Vin =10 V
Rgen =1 K
Ω L= 10 mH
2. 5
J
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
∗∗) Parameters guaranteed by design/characterization
VNP28N04FI-VNB28N04-VNV28N04
3/13
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - VNB28N04-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNB28N04 STMICROELECTRONICS-VNB28N04 Datasheet
138Kb / 13P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
More results

Similar Description - VNB28N04-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNB10N07TR-E STMICROELECTRONICS-VNB10N07TR-E Datasheet
511Kb / 14P
   OMNIFET FULLY AUTOPROTECTED POWER MOSFET
VND5N07 STMICROELECTRONICS-VND5N07 Datasheet
166Kb / 15P
   OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
VNB49N04 STMICROELECTRONICS-VNB49N04 Datasheet
506Kb / 22P
   OMNIFET: fully autoprotected Power MOSFET
VND10N0613TR STMICROELECTRONICS-VND10N0613TR Datasheet
595Kb / 25P
   OMNIFET fully autoprotected Power MOSFET
VND10N06-1-E STMICROELECTRONICS-VND10N06-1-E Datasheet
595Kb / 25P
   OMNIFET fully autoprotected Power MOSFET
VNB35N07TR-E STMICROELECTRONICS-VNB35N07TR-E Datasheet
153Kb / 13P
   OMNIFET FULLY AUTOPROTECTED POWER MOSFET
VNB14N04-E STMICROELECTRONICS-VNB14N04-E Datasheet
522Kb / 17P
   "OMNIFET" fully autoprotected Power MOSFET
VNB20N07-E STMICROELECTRONICS-VNB20N07-E Datasheet
491Kb / 13P
   "OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
VNS3NV04DPTR-E STMICROELECTRONICS-VNS3NV04DPTR-E Datasheet
289Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VND7N04 STMICROELECTRONICS-VND7N04_09 Datasheet
511Kb / 17P
   "OMNIFET"Fully autoprotected power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com