Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY4S-62 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SY4S-62
Description  RU Series - General Purpose Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SY4S-62 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SY4S-62 Datasheet HTML 1Page - List of Unclassifed Manufacturers SY4S-62 Datasheet HTML 2Page - List of Unclassifed Manufacturers SY4S-62 Datasheet HTML 3Page - List of Unclassifed Manufacturers SY4S-62 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RU Series
Relays
E-10
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
E
RU2S Standard
RU2S-D with Diode
RU4S/RU42S Standard
RU4S-D/RU42S-D with Diode
Internal Circuit*
(14)A2
(13)A1
(12)41
(9)11
(8)44
(5)14
(4)42
(1)12
Over 24V AC/DC
24V AC/DC or less
(13)A1
(14)A2
(1)12
(4)42
(5)14
(8)44
(9)11
(12)41
(1)12
(4)42
(5)14
(8)44
(9)11
(12)41
(13)A1
(14)A2
Over 24V DC
(14)A2
(13)A1
24V DC or less
(12)41
(9)11
(8)44
(5)14
(4)42
(1)12
Over 24V AC/DC
(1)12 (2)22
(3)32 (4)42
(5)14 (6)24
(7)34 (8)44
(9)11 (10)21 (11)31 (12)41
(13)A1
(14)A2
(14)A2
(13)A1
24V AC/DC or less
(12)41
(11)31
(10)21
(9)11
(8)44
(7)34
(6)24
(5)14
(4)42
(3)32
(2)22
(1)12
(14)A2
24V DC or less
(14)A2
(13)A1
(12)41
(11)31
(10)21
(9)11
(8)44
(7)34
(6)24
(5)14
(4)42
(3)32
(2)22
(1)12
Over 24V DC
(1)12 (2)22
(3)32 (4)42
(5)14 (6)24
(7)34 (8)44
(9)11 (10)21 (11)31 (12)41
(13)A1
Image as viewed from bottom of relay. Refer to socket for exact
wiring layout (Section F)
.
Electrical Life Curves
DC110V
10
1000
100
DC30V
AC250V
1
10
5
1
0.5
0.1
50
500
Load Current (A)
DC110V
AC250V
DC30V
Load Current (A)
500
50
0.1
0.5 1
5 10
1
100
1000
10
DC
L/R=7ms
AC
COS
=0.3
RU2 (Resistive Load)
RU2 (Inductive Load)
DC110V
Load Current (A)
DC30V
AC250V
6
3
1
0.5
0.1
10
100
1
50
500
6
DC110V
0.1
0.5 1
3
AC250V
DC30V
Load Current (A)
DC
L/R=7ms
AC
COS
=0.3
500
50
1
100
1000
10
DC110V
AC250V
DC30V
Load Current (A)
500
50
1
100
10
0.1
0.5 1
3
6
0.02
DC
L/R=7ms
AC
COS
=0.3
DC110V
DC30V
AC250V
10
100
1
50
500
RU4 (Inductive Load)
RU42 (Inductive Load)
RU4 (Resistive Load)
RU42 (Resistive Load)
1000
Load Current (A)
0.1
0.5 1
3
6
0.02
Numbers not in parenthesis follow international system
of labeling terminals.


Similar Part No. - SY4S-62

ManufacturerPart #DatasheetDescription
logo
NEC
SY403DA NEC-SY403DA Datasheet
77Kb / 2P
   AMBER GAASP(N) HIGH INTENSITY LEDS
SY403TA NEC-SY403TA Datasheet
77Kb / 2P
   AMBER GAASP(N) HIGH INTENSITY LEDS
logo
AUK corp
SY4433 AUK-SY4433 Datasheet
213Kb / 3P
   Side View LED Lamp
logo
Microchip Technology
SY45 MICROCHIP-SY45 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
More results

Similar Description - SY4S-62

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RU2S-C-A110 ETC2-RU2S-C-A110 Datasheet
143Kb / 4P
   RU Series - General Purpose Relays
RU4S-CD-D24 ETC2-RU4S-CD-D24 Datasheet
789Kb / 11P
   RU Series Universal Relays
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com