Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V-16-2C6 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # V-16-2C6
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V-16-2C6 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button V-16-2C6 Datasheet HTML 3Page - List of Unclassifed Manufacturers V-16-2C6 Datasheet HTML 4Page - List of Unclassifed Manufacturers V-16-2C6 Datasheet HTML 5Page - List of Unclassifed Manufacturers V-16-2C6 Datasheet HTML 6Page - List of Unclassifed Manufacturers V-16-2C6 Datasheet HTML 7Page - List of Unclassifed Manufacturers V-16-2C6 Datasheet HTML 8Page - List of Unclassifed Manufacturers V-16-2C6 Datasheet HTML 9Page - List of Unclassifed Manufacturers V-16-2C6 Datasheet HTML 10Page - List of Unclassifed Manufacturers V-16-2C6 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
V
Miniature Basic Switch
V
Hinge lever
Solder terminals
(A)
SPDT
2.45N
V-152-1A6
---
V-152-1A6-T
---
SPST-NC
V-152-2A6
---
---
---
SPST-NO
V-152-3A6
---
---
---
SPDT
1.23N
V-152-1A5
V-102-1A5
V-152-1A5-T
V-102-1A5-T
SPST-NC
V-152-2A5
V-102-2A5
---
---
SPST-NO
V-152-3A5
V-102-3A5
---
---
SPDT
0.59N
---
V-102-1A4
---
V-102-1A4-T
SPST-NC
---
V-102-2A4
---
---
SPST-NO
---
V-102-3A4
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
2.45N
V-152-1C26
---
V-152-1C26-T
---
SPST-NC
V-152-2C26
---
---
---
SPST-NO
V-152-3C26
---
---
---
SPDT
1.23N
V-152-1C25
V-102-1C25
V-152-1C25-T
V-102-1C25-T
SPST-NC
V-152-2C25
V-102-2C25
---
---
SPST-NO
V-152-3C25
V-102-3C25
---
---
SPDT
0.59N
---
V-102-1C24
---
V-102-1C24-T
SPST-NC
---
V-102-2C24
---
---
SPST-NO
---
V-102-3C24
---
---
Quick-connect
terminals (#250)
(C)
SPDT
2.45N
V-152-1C6
---
V-152-1C6-T
---
SPST-NC
V-152-2C6
---
---
---
SPST-NO
V-152-3C6
---
---
---
SPDT
1.23N
V-152-1C5
V-102-1C5
V-152-1C5-T
V-102-1C5-T
SPST-NC
V-152-2C5
V-102-2C5
---
---
SPST-NO
V-152-3C5
V-102-3C5
---
---
SPDT
0.59N
---
V-102-1C4
---
V-102-1C4-T
SPST-NC
---
V-102-2C4
---
---
SPST-NO
---
V-102-3C4
---
---
Long hinge lever
Solder terminals
(A)
SPDT
1.27N
V-153-1A6
---
V-153-1A6-T
---
SPST-NC
V-153-2A6
---
---
---
SPST-NO
V-153-3A6
---
---
---
SPDT
0.69N
V-153-1A5
V-103-1A5
V-153-1A5-T
V-103-1A5-T
SPST-NC
V-153-2A5
V-103-2A5
---
---
SPST-NO
V-153-3A5
V-103-3A5
---
---
SPDT
0.34N
---
V-103-1A4
---
V-103-1A4-T
SPST-NC
---
V-103-2A4
---
---
SPST-NO
---
V-103-3A4
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
1.27N
V-153-1C26
---
V-153-1C26-T
---
SPST-NC
V-153-2C26
---
---
---
SPST-NO
V-153-3C26
---
---
---
SPDT
0.69N
V-153-1C25
V-103-1C25
V-153-1C25-T
V-103-1C25-T
SPST-NC
V-153-2C25
V-103-2C25
---
---
SPST-NO
V-153-3C25
V-103-3C25
---
---
SPDT
0.34N
---
V-103-1C24
---
V-103-1C24-T
SPST-NC
---
V-103-2C24
---
---
SPST-NO
---
V-103-3C24
---
---
Quick-connect
terminals (#250)
(C)
SPDT
1.27N
V-153-1C6
---
V-153-1C6-T
---
SPST-NC
V-153-2C6
---
---
---
SPST-NO
V-153-3C6
---
---
---
SPDT
0.69N
V-153-1C5
V-103-1C5
V-153-1C5-T
V-103-1C5-T
SPST-NC
V-153-2C5
V-103-2C5
---
---
SPST-NO
V-153-3C5
V-103-3C5
---
---
SPDT
0.34N
---
V-103-1C4
---
V-103-1C4-T
SPST-NC
---
V-103-2C4
---
---
SPST-NO
---
V-103-3C4
---
---
Ratings
15A
10A
Heat-resistive
Actuator
Terminals
Contact form
Maximum operating force (OF)
15A
10A
Refer to "Micro Switch Common Accessories" for Separators (sold separately), Actuators (sold separately) and Terminal
Connectors (sold separately).


Similar Part No. - V-16-2C6

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-16-2C6 OMRON-V-16-2C6 Datasheet
449Kb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
More results

Similar Description - V-16-2C6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com