Electronic Components Datasheet Search |
|
BTMA04050532111 Datasheet(PDF) 1 Page - OPLINK Communications Inc. |
|
BTMA04050532111 Datasheet(HTML) 1 Page - OPLINK Communications Inc. |
1 / 2 page S0135 - R02. (web) 20130520 Bi-directional Integrated TAP Monitor Arrays BTMA Series Oplink’s Bi-directional Integrated Tap Monitor Array (BTMA) is assembled using individual Bi- directional Integrated Tap Monitor (BTMS) to guarantee no optical or electrical cross-talk among different channels. BTMS is a hybrid component that integrates a flat spectral response of a thin-film tap with a high sensitivity PIN photodiode for power monitoring applications.The Bi-directional feature allows power monitoring from input or output ports. BTMA minimizes component assembly costs and module footprint while increasing module design efficiency by facilitating fiber management. Each BTMS in the BTMA integrates the functionality of an optical tap and a photodiode while delivering low insertion loss and low dark current with high temperature stability over a wide wavelength range. BTMA is compact and easy to mount on PCB board for module and net- work system use. Applications include DWDM channel power monitoring, optical network switching/protection monitoring, re-configurable optical add/drop multiplexers, and gain/at- tenuation monitoring in amplifier systems. Oplink can provide customized designs to meet specialized feature applications. Also, Oplink offers modular assemblies that integrate other components to form a full function module or subsystem. Flat and Broad Operating Wavelength Range Low Insertion Loss and PDL Low Dark Current Various Tap Ratio Available High Temperature Stability with Hermetically Sealed Photodiode Monitor Optical Signal from Input or Output Add/Drop and Optical Protection Monitoring DWDM/CWDM Systems Product Description Features Applications Performance Specificationns Parameters Specification Unit Operating Wavelength Range 1260 ~ 1360 1510~1610 nm Through Insertion Loss (@λop, Top, All SOP, Exclude Connectors) 2% ≤ 0.4 dB 5% ≤ 0.6 10% ≤ 0.9 Polarization Dependent Loss ≤ 0.1 dB Return Loss (exclude connector) ≥ 45 dB Tapped Monitoring Responsivity (Relative to Nominal Power at Input Port) 2% 10 ~ 23 14 ~ 26 mA/W 5% 26 ~ 59 36 ~ 65 10% 52 ~ 110 70 ~ 120 Responsivity Polarization Dependence ≤ 0.1 dB Uniformity 1 ≤ 0.5 dB PD PD Dark Current (@ 70°C, -5V bias) ≤ 10 nA Bandwidth (50 ohm, 5V, -3dB) ≥ 0.5 GHz Reverse Voltage ≤ 20 V Forward Current ≤ 5 mA Conditions Input Optical Power 2% ≤ 21 dBm 5% ≤ 16 10% ≤12 Operating Temperature Range (<85%RH,Non-condensing) -0 +70 °C Storage Temperature Range (<85%RH, Non-condensing) -40 +85 °C Fiber Type SMF-28 Notes: 1) Directivity is defined as -10 log(ℜ Out→PD / ℜIn→PD) where ℜ stands for responsivity. Functional Diagram Input Output PD |
Similar Part No. - BTMA04050532111 |
|
Similar Description - BTMA04050532111 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |