Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMY30 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ZMY30
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZMY30 Datasheet(HTML) 4 Page - Vishay Siliconix

  ZMY30 Datasheet HTML 1Page - Vishay Siliconix ZMY30 Datasheet HTML 2Page - Vishay Siliconix ZMY30 Datasheet HTML 3Page - Vishay Siliconix ZMY30 Datasheet HTML 4Page - Vishay Siliconix ZMY30 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ZMY3V9 to ZMY100
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 06-Dec-11
4
Document Number: 85788
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Breakdown Characteristics
Fig. 8 - Breakdown Characteristics
PACKAGE DIMENSIONS in millimeters (inches): MELF DO-213AB (glass)
0
5
10
15
202530
35
40
45 50 V
10
20
30
40
50
60
mA
I
Z
V
Z
18310
T
j = 25 °C
ZMY...
Test Current l
Z
25 mA
10 mA
ZMY22
ZMY18
ZMY27
ZMY33
ZMY15
ZMY39
ZMY47
0
0
100
200 V
0
10
20
mA
I
Z
V
Z
18311
50
150
Test Current l
Z
10 mA
5 mA
Tj = 25 °C
ZMY56
ZMY68
ZMY82
ZMY100
ZMY...
18317
Foot print recommendation:
The gap between plug and glass can
be either on cathode or anode side
Cathode identification
4.00 (0.157)
max.
1.25 (0.049)
min.
ref.
6.50 (0.256)
2.6 (0.102)
2.4 (0.094)
0.55 (0.022)
5.2 (0.205)
4.8 (0.189)


Similar Part No. - ZMY30

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMY30 ZETEX-ZMY30 Datasheet
3Mb / 7P
   Magnetic Field Sensors
logo
Semikron International
ZMY30 SEMIKRON-ZMY30 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
Vishay Siliconix
ZMY30 VISHAY-ZMY30 Datasheet
119Kb / 6P
   Zener Diodes
Rev. 1.9, 06-Dec-11
logo
Semtech Corporation
ZMY30 SEMTECH-ZMY30 Datasheet
373Kb / 5P
   SILICON PLANAR POWER ZENER DIODES?
logo
Vishay Siliconix
ZMY30 VISHAY-ZMY30 Datasheet
161Kb / 7P
   Zener Diodes
Rev. 1.7, 07-Aug-06
More results

Similar Description - ZMY30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com