Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTMA100505D2111 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # BTMA100505D2111
Description  Bi-directional Integrated TAP Monitor Arrays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

BTMA100505D2111 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  BTMA100505D2111 Datasheet HTML 1Page - OPLINK Communications Inc. BTMA100505D2111 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bi-directional Integrated TAP Monitor Array
BTMA Series
S0135 - R02. (web) 20130520
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Interconnect Transmission HFC/RoF Subsystem
Electrical Pin Assignment
Pin#: Common Cathode Assignment
Pin1: Common Cathode for Ch1 & 2
Pin2: Anode Ch1
Pin3: Anode Ch2
Pin4: Common Cathode for Ch3 & 4
Pin5: Anode Ch3
Pin6: Anode Ch4
Common Anode Assignment
Common Anode for Ch1 & 2
Cathode Ch1
Cathode Ch2
Common Anode for Ch3 & 4
Cathode Ch3
Cathode Ch4
Electrical Pin Assignment
Pin#: Common Cathode Assignment
Pin1: Common Cathode for Ch1 to 4
Pin2: Anode Ch1
Pin3: Anode Ch2
Pin4: Anode Ch3
Pin5: Anode Ch4
Pin6: Anode Ch5
Pin7: Common Cathode for Ch5 to 8
Pin8: Anode Ch6
Pin9: Anode Ch7
Pin10: Anode Ch8
Pin11: Anode Ch9
Pin12: Common Cathode for Ch9 & 10
Pin13: Anode Ch10
Pin 14: Not connected
Common Anode Assignment
Common Anode for Ch1 to 4
Cathode Ch1
Cathode Ch2
Cathode Ch3
Cathode Ch4
Cathode Ch5
Common Anode for Ch5 to 8
Cathode Ch6
Cathode Ch7
Cathode Ch8
Cathode Ch9
Common Anode for Ch9 & 10
Cathode Ch10
Not connected
Electrical Pin Assignment
Pin#: Common Cathode Assignment
Pin1: Common Cathode for Ch1 & 2
Pin2: Anode Ch1
Pin3: Anode Ch2
Pin4: Common Cathode for Ch3 & 4
Pin5: Anode Ch3
Pin6: Anode Ch4
Pin7: Anode Ch5
Pin8: Common Cathode for Ch5 & 6
Pin9: Anode Ch6
Pin10: Anode Ch7
Pin11: Common Cathode for Ch7 & 8
Pin12: Anode Ch8
Common Anode Assignment
Common Anode for Ch1 & 2
Cathode Ch1
Cathode Ch2
Common Anode for Ch3 & 4
Cathode Ch3
Cathode Ch4
Cathode Ch5
Common Anode for Ch5 & 6
Cathode Ch6
Cathode Ch7
Common Anode for Ch7 & 8
Cathode Ch8
BTMA
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
Mechanical Drawing / Package Dimensions (dimension in mm)
1) 4-ch BTMA
2) 8-ch BTMA
3) 10-ch BTMA
5
0
No. of Channal
4 channels= 04
8 channels= 08
10 channels= 10
Tap Ratio
Bandwidth
Package Type
Wavelength
Fiber Type
Fiber Length
0.5G= 05
Common Anode= 1
Common Cathode= 2
1310/1550= D
1310nm= 3
C+L band= E
SMF-28 250µm =1
SMF-28 w/ 900µm loose tube =2
SMF-28 ribbonized=3
0.5meter= H
1.0meter= 1
1.5meter= 5
2.0meter= 2
Connector
Type
None = 1
FC/PC=2
FC/SPC=3
FC/APC=4
SC/PC=5
SC/SPC=6
SC/APC=7
ST=8
LC=9
MU=A
2/98= 02
5/95= 05
10/90= 10
RoHS:
1. BTMA is RoHS 5 compliant (RoHS permitted Lead in solder exemption is applied).
2. Add “G” to the end of the above PN for RoHS 6 Requirement.
Note: Input and output ports are marked for testing purpose.


Similar Part No. - BTMA100505D2111

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
BTMA-S0135 OPLINK-BTMA-S0135 Datasheet
181Kb / 2P
   Bi-directional Integrated TAP Monitor Arrays
More results

Similar Description - BTMA100505D2111

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
BTMA-S0135 OPLINK-BTMA-S0135 Datasheet
181Kb / 2P
   Bi-directional Integrated TAP Monitor Arrays
ITMA OPLINK-ITMA Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
ITMA080520E2111G OPLINK-ITMA080520E2111G Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
ITMA-S0017 OPLINK-ITMA-S0017 Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
BTMS-S0003 OPLINK-BTMS-S0003 Datasheet
351Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
BTMSD02050011H OPLINK-BTMSD02050011H Datasheet
315Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
IWMA4121000511 OPLINK-IWMA4121000511 Datasheet
219Kb / 2P
   Integrated WDM Monitor Arrays
UTMA-S0073 OPLINK-UTMA-S0073 Datasheet
220Kb / 2P
   Unidirectional Integrated TAP Monitor Array
UTMA080520E2111G OPLINK-UTMA080520E2111G Datasheet
220Kb / 2P
   Unidirectional Integrated TAP Monitor Array
UTMA OPLINK-UTMA Datasheet
220Kb / 2P
   Unidirectional Integrated TAP Monitor Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com