Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51219 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS51219
Description  High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51219 Datasheet(HTML) 3 Page - Texas Instruments

  TPS51219_14 Datasheet HTML 1Page - Texas Instruments TPS51219_14 Datasheet HTML 2Page - Texas Instruments TPS51219_14 Datasheet HTML 3Page - Texas Instruments TPS51219_14 Datasheet HTML 4Page - Texas Instruments TPS51219_14 Datasheet HTML 5Page - Texas Instruments TPS51219_14 Datasheet HTML 6Page - Texas Instruments TPS51219_14 Datasheet HTML 7Page - Texas Instruments TPS51219_14 Datasheet HTML 8Page - Texas Instruments TPS51219_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
TPS51219
www.ti.com
SLUSAG1B
– MARCH 2011 – REVISED OCTOBER 2011
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
V5
4.5
5.5
V
BST
–0.1
33.5
BST(1)
–0.1
5.5
SW
-3
28
SW(2)
–4.5
28
Input voltage range
V
EN, TRIP, MODE
–0.1
5.5
REFIN, VSNS, COMP
–0.1
3.5
GSNS
–0.3
0.3
PGND
–0.1
0.1
DH
–3
33.5
DH(1)
–0.1
5.5
DH(2)
–4.5
33.5
Output voltage range
V
DL
–0.1
5.5
PGOOD
–0.1
5.5
VREF
–0.1
3.5
TA
Operating free-air temperature
–40
85
°C
(1)
Voltage values are with respect to the SW terminal.
(2)
This voltage should be applied for less than 30% of the repetitive period.
THERMAL INFORMATION
TPS51219
THERMAL METRIC(1)
RTE
UNITS
16 PINS
θJA
Junction-to-ambient thermal resistance(2)
48.5
θJCtop
Junction-to-case (top) thermal resistance(3)
49.5
θJB
Junction-to-board thermal resistance(4)
22.1
°C/W
ψJT
Junction-to-top characterization parameter(5)
0.7
ψJB
Junction-to-board characterization parameter(6)
22.1
θJCbot
Junction-to-case (bottom) thermal resistance(7)
7.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS51219_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
More results

Similar Description - TPS51219_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51219 TI1-TPS51219 Datasheet
945Kb / 36P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
   High Voltage Synchronous Step-Down Controller
logo
Texas Instruments
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com