Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3991 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP3991
Description  300mA Linear Voltage Regulator for Digital Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3991 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3991 Datasheet HTML 4Page - Texas Instruments LP3991 Datasheet HTML 5Page - Texas Instruments LP3991 Datasheet HTML 6Page - Texas Instruments LP3991 Datasheet HTML 7Page - Texas Instruments LP3991 Datasheet HTML 8Page - Texas Instruments LP3991 Datasheet HTML 9Page - Texas Instruments LP3991 Datasheet HTML 10Page - Texas Instruments LP3991 Datasheet HTML 11Page - Texas Instruments LP3991 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LP3991
SNVS296G – DECEMBER 2006 – REVISED JANUARY 2011
www.ti.com
Typical Performance Characteristics con't.
Unless otherwise specified, CIN = 1.0µF Ceramic, COUT = 4.7µF Ceramic, VIN = VOUT(NOM) + 0.5V or 1.8V whichever is greater,
TA = 25°C, VOUT(NOM) = 1.5V , Shutdown pin is tied to VIN.
Load Transient, VOUT = 1.5V
Load Transient, VOUT = 1.2V
Line Transient, ILOAD = 1mA
Line Transient, ILOAD = 300mA
Enable Characteristics
Short Circuit Current
8
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LP3991


Similar Part No. - LP3991

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3991 TI1-LP3991 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA LDO for Digital Applications
logo
Intersil Corporation
LP3991TL-0.8 INTERSIL-LP3991TL-0.8 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
LP3991TL-1.2 INTERSIL-LP3991TL-1.2 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3991TL-1.2/NOPB TI1-LP3991TL-1.2/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   300-mA LDO for Digital Applications
More results

Similar Description - LP3991

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
Nuvoton Technology Corp...
NCT3703U NUVOTON-NCT3703U Datasheet
377Kb / 23P
   300mA Linear Regulator
logo
Texas Instruments
LP3990-Q1 TI-LP3990-Q1_15 Datasheet
815Kb / 22P
[Old version datasheet]   LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com