Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3991 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3991
Description  300mA Linear Voltage Regulator for Digital Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3991 Datasheet(HTML) 5 Page - Texas Instruments

  LP3991 Datasheet HTML 1Page - Texas Instruments LP3991 Datasheet HTML 2Page - Texas Instruments LP3991 Datasheet HTML 3Page - Texas Instruments LP3991 Datasheet HTML 4Page - Texas Instruments LP3991 Datasheet HTML 5Page - Texas Instruments LP3991 Datasheet HTML 6Page - Texas Instruments LP3991 Datasheet HTML 7Page - Texas Instruments LP3991 Datasheet HTML 8Page - Texas Instruments LP3991 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LP3991
www.ti.com
SNVS296G – DECEMBER 2006 – REVISED JANUARY 2011
Electrical Characteristics con't.
Unless otherwise noted, VEN =950mV, VIN = VOUT + 0.5V, or 1.8V, whichever is higher. CIN = 1µF, IOUT = 1.0mA, COUT =4.7µF.
Typical values and limits appearing in normal type apply for TA = 25°C. Limits appearing in boldface type apply over the full
junction temperature range for operation,
−40 to +125°C.
(1)
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
Enable Control Characteristics
IEN
Maximum Input Current at VEN
VEN = 0V, VIN = 3.6V
0.001
µA
(2)
Input
VEN = VIN = 3.6V
3
5.5
VIL
Low Input Threshold
VIN = 1.65V to 3.6V
0.4
V
VIH
High Input Threshold
VIN = 1.65V to 3.6V
0.95
V
Timing Characteristics
TON
Turn On Time (3)
To 95% Level
VOUT ≤ 2.0V
100
µs
VIN(MIN) to 3.6V
VOUT > 2.0V
140
Line Transient Response |
δVOUT|
Trise = Tfall = 30µs
(3)
mV
6
δVIN = 600mV
(pk - pk)
Transient
Load Transient Response |
δVOUT|
Trise = Tfall =
IOUT = 0 mA to 300mA
140
Response
1µs (3)
IOUT = 1mA to 300mA
110
IOUT = 300mA to 1mA
80
IOUT = 0mA to 200mA
110
IOUT = 1mA to 200mA
80
mV
IOUT = 200mA to 1mA
60
IOUT = 0mA to 150mA
100
IOUT = 1mA to 150mA
70
IOUT = 150mA to 1mA
50
Overshoot on Start-up
0
2
%
IIR
In-Rush Current (3)
600
1000
mA
(1)
All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production at TJ = 25°C or
correlated using Statistical Quality Control methods. Operation over the temperature specification is guaranteed by correlating the
electrical characteristics to process and temperature variations and applying statistical process control.
(2)
Enable Pin has an internal 1.2M
Ω typical, resistor connected to GND.
(3)
This electrical specification is guaranteed by design.
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3991


Similar Part No. - LP3991

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3991 TI1-LP3991 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA LDO for Digital Applications
logo
Intersil Corporation
LP3991TL-0.8 INTERSIL-LP3991TL-0.8 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
LP3991TL-1.2 INTERSIL-LP3991TL-1.2 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3991TL-1.2/NOPB TI1-LP3991TL-1.2/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   300-mA LDO for Digital Applications
More results

Similar Description - LP3991

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
Nuvoton Technology Corp...
NCT3703U NUVOTON-NCT3703U Datasheet
377Kb / 23P
   300mA Linear Regulator
logo
Texas Instruments
LP3990-Q1 TI-LP3990-Q1_15 Datasheet
815Kb / 22P
[Old version datasheet]   LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com