Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR64010 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMR64010
Description  SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR64010 Datasheet(HTML) 1 Page - Texas Instruments

  LMR64010_14 Datasheet HTML 1Page - Texas Instruments LMR64010_14 Datasheet HTML 2Page - Texas Instruments LMR64010_14 Datasheet HTML 3Page - Texas Instruments LMR64010_14 Datasheet HTML 4Page - Texas Instruments LMR64010_14 Datasheet HTML 5Page - Texas Instruments LMR64010_14 Datasheet HTML 6Page - Texas Instruments LMR64010_14 Datasheet HTML 7Page - Texas Instruments LMR64010_14 Datasheet HTML 8Page - Texas Instruments LMR64010_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LMR64010
www.ti.com
SNVS736A – SEPTEMBER 2011 – REVISED NOVEMBER 2011
LMR64010 SIMPLE SWITCHER® 40Vout, 1A Step-Up Voltage Regulator in SOT-23
Check for Samples: LMR64010
1
FEATURES
DESCRIPTION
The LMR64010 switching regulators is a current-
2
Input Voltage Range of 2.7V to 14V
mode boost converter operating at a fixed frequency
Output Voltage up to 40V
of 1.6 MHz.
Switch Current up to 1A
The use of SOT-23 package, made possible by the
1.6 MHz Switching Frequency
minimal power loss of the internal 1A switch, and use
Low Shutdown Iq, <1 µA
of small inductors and capacitors result in the
industry's highest power density. The 40V internal
Cycle-by-Cycle Current Limiting
switch makes these solutions perfect for boosting to
Internally Compensated
voltages of 16V or greater.
SOT-23-5 Packaging (2.92 x 2.84 x 1.08mm)
These parts have a logic-level shutdown pin that can
Fully Enabled for WEBENCH® Power Designer
be used to reduce quiescent current and extend
battery life.
PERFORMANCE BENEFITS
Protection is provided through cycle-by-cycle current
Extremely Easy to Use
limiting and thermal shutdown. Internal compensation
simplifies design and reduces component count.
Tiny Overall Solution Reduces System Cost
APPLICATIONS
Boost Conversions from 3.3V, 5V, and 12V
Rails
Space Constrained Applications
Embedded Systems
LCD Displays
LED Applications
System Performance
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMR64010_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMR64010XMF NSC-LMR64010XMF Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010XMF TI1-LMR64010XMF Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR64010XMF/NOPB TI1-LMR64010XMF/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMR64010 SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
National Semiconductor ...
LMR64010XMFE NSC-LMR64010XMFE Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010XMFE TI1-LMR64010XMFE Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
More results

Similar Description - LMR64010_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR62010 TI1-LMR62010 Datasheet
1Mb / 21P
[Old version datasheet]   LMR64010 SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
National Semiconductor ...
LMR12010 NSC-LMR12010 Datasheet
417Kb / 16P
   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
logo
Texas Instruments
LMR12010 TI1-LMR12010_14 Datasheet
1Mb / 27P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR62421 TI1-LMR62421_14 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014_14 Datasheet
1Mb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR62421 TI1-LMR62421 Datasheet
421Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
logo
National Semiconductor ...
LMR62014 NSC-LMR62014 Datasheet
396Kb / 14P
   SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR62014 TI1-LMR62014_15 Datasheet
1Mb / 22P
[Old version datasheet]   LMR62014 SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com