Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFIHBS000001553 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # BFIHBS000001553
Description  Band Pass Filter/Isolator Hybrid Combination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

BFIHBS000001553 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  BFIHBS000001553 Datasheet HTML 1Page - OPLINK Communications Inc. BFIHBS000001553 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
BFIH Series
Type A
Type B
Unit
Isolator Stage
Single
Stage
Dual
Stage
Single
Stage
Dual
Stage
Operating
Wavelength
Range
Pass Channel
1528~1563
1547.5~1563.5
nm
Rejection Channel
1450~1495
1450~1540
dB
Pass Channel Insertion Loss [1]
< 0.8
< 1.0
< 0.9
< 1.1
dB
Rejection Channel Insertion Loss
> 30
> 25
dB
Reverse Direction Isolation (over pass
channel wavelength range 0~70°C, all SOP)
> 21
> 36
> 21
> 36
dB
Wavelength Dependent Loss
< 0.3
< 0.4
< 0.3
< 0.4
dB
Polarization Dependent Loss
< 0.15
< 0.2
< 0.15
< 0.2
dB
Polarization Mode Dispersion
< 0.25
< 0.05
< 0.25
< 0.05
dB
Return Loss
> 55
Maximum Power Handling
< 500
mW
Fiber Type
Corning SFM-28
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Package Dimensions [3]
P1: (ø) 5.5 x (L) 34.0
mm
Applications
Performance Specificationns
Note:
[1] The maximum IL is under all states of polarization and within the full operating temperature and wave-
length ranges specified.
[2] All the parameters are excluding connectors
[3] The mechanical tolerance should be +/-0.2mm on all package dimensions unless otherwise custom specified.
S0002 - R11. 20101028
Band Pass Filter/Isolator Hybrid
Combination
BFIH Series
Oplink’s BFIH is a compact combination of a bandpass filter and a polariza-
tion insensitive optical isolator.The built-in bandpass filter blocks the amplifiers
spontaneous emission (ASE) in the erbium doped fiber amplifier (EDFA), thus
significantly improving the amplifier’s performance.
Wide Operating Wavelength Range
Compact Size
High Isolation
Ultra Low PDL & PMD
Highly Stable & Reliable
Epoxy-free Optical Path
Fiberoptic Amplifiers
CATV Fiberoptic Links
WDM Systems
Fiberoptic Instruments
Transmitters and Fiber Laser Sensors
Laboratory R&D


Similar Part No. - BFIHBS000001553

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
BFIHBS00000155 OPLINK-BFIHBS00000155 Datasheet
195Kb / 2P
   Band Pass Filter / Isolator Hybrid Combination
More results

Similar Description - BFIHBS000001553

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
BFIHAS00000111 OPLINK-BFIHAS00000111 Datasheet
195Kb / 2P
   Band Pass Filter / Isolator Hybrid Combination
BFIH-S0002 OPLINK-BFIH-S0002 Datasheet
259Kb / 2P
   Band Pass Filter/Isolator Hybrid Combination
TCIHG OPLINK-TCIHG Datasheet
259Kb / 2P
   Isolator Hybrid Combination
logo
SYNERGY MICROWAVE CORPO...
FIS-60 SYNERGY-FIS-60 Datasheet
192Kb / 2P
   BAND PASS FILTER
FBS-50 SYNERGY-FBS-50 Datasheet
330Kb / 2P
   BAND PASS FILTER
FBS-140 SYNERGY-FBS-140 Datasheet
399Kb / 3P
   band pass filter
FNS-400 SYNERGY-FNS-400 Datasheet
194Kb / 2P
   BAND PASS FILTER
FIS-50 SYNERGY-FIS-50 Datasheet
315Kb / 2P
   BAND PASS FILTER
logo
PCA ELECTRONICS INC.
EPB5017G PCA-EPB5017G Datasheet
25Kb / 1P
   Band Pass Filter
logo
Mini-Circuits
XBF-24 MINI-XBF-24 Datasheet
511Kb / 6P
   Band Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com