Electronic Components Datasheet Search |
|
CFOI100200HE1H3 Datasheet(PDF) 1 Page - OPLINK Communications Inc. |
|
CFOI100200HE1H3 Datasheet(HTML) 1 Page - OPLINK Communications Inc. |
1 / 2 page S0460 - R01. (web) 20140711 Product Description Features CFOI100 Series Min Typical Max Unit Center Wavelength Range C-Band 1529.55 1561.42 nm L-Band 1569.59 1604.03 nm Center Frequency Range C-Band 192000 196000 Ghz L-Band 186900 191000 GHz Channel Center Wavelength ITU Grid Input Channel Spacing 100 GHz Output Channel Spacing 200 GHz Clear Bandwidth ± 15 GHz Insertion Loss [1] 1.2 1.8 dB Ripple 0.2 0.4 dB Insertion Loss Uniformity 0.3 0.5 dB Adjacent Channel Isolation 23 25 dB Polarization Dependent Loss (PDL) 0.2 0.3 dB Polarization Mode Dispersion (PMD) 0.2 0.3 ps Chromatic Dispersion - 20 + 20 ps/nm Return Loss 40 45 dB Directivity 50 55 dB Operating Power Handling 24 dBm Operating Temperature 0 to +65 °C Storage Temperature -40 to +85 °C Fiber Type G.657.A1 or equivalent Package Dimensions [3] 100.5 (L) x 60.0 (W) x10.3 (H) mm Applications Performance Specificationns Note: [1] The maximum IL is under all states of polarization and within the full operating temperature and wave- length ranges specified. [2] All spec excluding connectors [3] The mechanical tolerance should be +/-0.2mm on all package dimensions unless otherwise custom specified. Green 100GHz Compact Fiber Optical Interleaver CFOI100 Series Oplink’s compact, low-dispersion interleavers greatly expand wavelength channel counts in DWDM systems. Oplink’s DWDM interleavers feature excellent wide, flat passbands and high isolation. Both mux and demux func- tions are supported. Interleavers are athermal and do not require tempera- ture control. Low Insertion Loss High Isolation Low Dispersion Highly Stable & Reliable Epoxy-Free Optical Path Compact Size Completely Passive Athermal Design DWDM Systems Extend Network Capacity |
Similar Part No. - CFOI100200HE1H3 |
|
Similar Description - CFOI100200HE1H3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |