Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWDMG12700002H2 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # CWDMG12700002H2
Description  Single Channel CWDM OADM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

CWDMG12700002H2 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  CWDMG12700002H2 Datasheet HTML 1Page - OPLINK Communications Inc. CWDMG12700002H2 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
CWDMG Series
Min
Typical
Max
Unit
Operating Wavelength Range
1460~1620 or 1260~1620
nm
Center Wavelength λ
C
ITU Grid
nm
Channel Spacing
20
nm
Passband Bandwidth @ 0.5dB
λ
C ± 6.5
nm
Insertion Loss 1) (Over all wave-
length range and all temp, all SOP)
Pass Port
0.35
0.45
dB
Reflect Port
0.3
0.35
Polarization Dependent Loss (PDL)
0.10
dB
Polarization Mode Dispersion (PMD)
0.10
ps
Passband Ripple
0.20
dB
Adjacent Channel Band Isolation
30
dB
Non-adjacent Channel Band Isolation
40
dB
Return Loss
50
dB
Directivity
50
dB
Operating Power
500
mW
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Type
Corning SMF-28 or equivalent
Package Dimensions 3)
250µm Bare Fiber
P1 (Φ)5.5±0.2 x (L)34.0±1.0
mm
900µm loose tube
P2 (Φ)5.5±0.2 x (L)40.0±1.0
Applications
Performance Specificationns
Note:
[1] All spec excluding connectors
[2] The maximum IL is under all states of polarization and within the full operating temperature and wavelength
ranges specified.
S0007 - R05. 20110523
Single Channel CWDM OADM (1x2)
CWDMG 1x2 Series
Oplink’s single channel Coarse WDM is based on patented athermal platform
for optical device. This multiplexer features ultra low insertion loss, super
thermal stability, and unparallel reliability.The technology is a lead-free packag-
ing platform and no epoxy in the optical path. Green CWDM is Telcordia GR-
1221 and GR-1209 tested, qualified for uncontrolled environment applications
and complied with industry green initiatives such as RoHS and WEEE.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other components
to form a full function module or subsystem.
Environmental Green Plan
Compliance
Ultra-Low Insertion Loss
Narrow Down Distribution
Super Thermal Stability
Highly Reliability
High Channel Isolation
Epoxy-free Optical Path
WDM Systems For Metro/Access
Market


Similar Part No. - CWDMG12700002H2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CWDMG_1X2 OPLINK-CWDMG_1X2 Datasheet
188Kb / 2P
   Oplink?셲 single channel Coarse WDM is based on patented athermal platform for optical device.
CWDMG_48CH OPLINK-CWDMG_48CH Datasheet
350Kb / 2P
   Oplink?셲 Coarse Wavelength Division Multiplexer is based on patented athermal platform for optical device.
More results

Similar Description - CWDMG12700002H2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
COADMG OPLINK-COADMG Datasheet
291Kb / 2P
   Single Channel CWDM OADM
COADMG_2X2-S0006 OPLINK-COADMG_2X2-S0006 Datasheet
291Kb / 2P
   Green Single Channel CWDM OADM
OADMG1-1X2 OPLINK-OADMG1-1X2 Datasheet
219Kb / 2P
   Single Channel OADM
OADMG2-1X2 OPLINK-OADMG2-1X2 Datasheet
293Kb / 2P
   Single Channel OADM
OADMG1-2X2 OPLINK-OADMG1-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
OADMG2-2X2 OPLINK-OADMG2-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
logo
Finisar Corporation.
FWSF-OADM-4-1 FINISAR-FWSF-OADM-4-1 Datasheet
218Kb / 3P
   CWDM OADM-4 Plug-in Module
OADMF-4-1-LC FINISAR-OADMF-4-1-LC Datasheet
113Kb / 2P
   CWDM OADM-4 Optibox Module
OADMF-1-47-LC FINISAR-OADMF-1-47-LC Datasheet
111Kb / 2P
   CWDM OADM-1 Optibox Module
FWSF-OADM-1-47 FINISAR-FWSF-OADM-1-47 Datasheet
169Kb / 3P
   CWDM OADM-1 Plug-in Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com