Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YG902C2R Datasheet(PDF) 2 Page - Fuji Electric

Part # YG902C2R
Description  LOW LOSS SUPER HIGH SPEED DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YG902C2R Datasheet(HTML) 2 Page - Fuji Electric

  YG902C2R Datasheet HTML 1Page - Fuji Electric YG902C2R Datasheet HTML 2Page - Fuji Electric YG902C2R Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
YG902C2R
(200V / 10A TO-22OF15)
Characteristics
0.1
1
10
100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Tj=150
o
C
Tj=125
o
C
Tj=100
o
C
Tj=25
o
C
Forward Characteristic (typ.)
VF
Forward Voltage
(V)
0
50
100
150
200
10
-1
10
0
10
1
10
2
10
3
10
4
Reverse Characteristic (typ.)
Tj= 25
oC
Tj=100
oC
Tj=125
oC
Tj=150
oC
VR
Reverse Voltage
(V)
01
2345
0
1
2
3
4
5
6
Per 1element
DC
Square wave
λ=180
o
Sine wave
λ=180
o
Square wave
λ=120
o
Square wave
λ=60
o
Forward Power Dissipation
Io
Average Forward Current
(A)
360°
Io
0
50
100
150
200
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Reverse Power Dissipation
α=180
o
DC
VR
Reverse Voltage
(V)
360°
VR
0
2
4
6
8
10
12
14
80
90
100
110
120
130
140
150
160
λ:Conduction angle of forward current for each rectifier element
Io:Output current of center-tap full wave connection
Square wave
λ=120
o
Square wave
λ=60
o
Square wave
λ=180
o
Sine wave
λ=180
o
DC
Current Derating (Io-Tc)
Io
Average Output Current
(A)
1
10
100
0.1
1
10
100
Junction Capacitance Characteristic
(typ.)
VR
Reverse Voltage
(V)
λ
α


Similar Part No. - YG902C2R

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
YG902C2R ISC-YG902C2R Datasheet
272Kb / 2P
   Ultrafast Recovery Rectifier
More results

Similar Description - YG902C2R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YG901C3R FUJI-YG901C3R Datasheet
46Kb / 3P
   LOW LOSS SUPER HIGH SPEED DIODE
YG901C2R FUJI-YG901C2R Datasheet
55Kb / 3P
   LOW LOSS SUPER HIGH SPEED DIODE
YG906C2R FUJI-YG906C2R Datasheet
50Kb / 3P
   LOW LOSS SUPER HIGH SPEED DIODE
YG911S3R FUJI-YG911S3R Datasheet
49Kb / 3P
   LOW LOSS SUPER HIGH SPEED DIODE
YG901C3 FUJI-YG901C3 Datasheet
74Kb / 4P
   LOW LOSS SUPER HIGH SPEED DIODE
YG911S2R FUJI-YG911S2R Datasheet
56Kb / 3P
   LOW LOSS SUPER HIGH SPEED DIODE
YG902C3R FUJI-YG902C3R Datasheet
59Kb / 3P
   LOW LOSS SUPER HIGH SPEED DIODE
YG912S2R FUJI-YG912S2R Datasheet
51Kb / 3P
   LOW LOSS SUPER HIGH SPEED DIODE
YG912S6 FUJI-YG912S6 Datasheet
90Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER DIODE
ERC90 FUJI-ERC90 Datasheet
1Mb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com